Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3315 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF3315
Description  Power MOSFET(Vdss=150V, Rds(on)=0.07ohm, Id=27A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3315 Datasheet(HTML) 3 Page - International Rectifier

  IRF3315 Datasheet HTML 1Page - International Rectifier IRF3315 Datasheet HTML 2Page - International Rectifier IRF3315 Datasheet HTML 3Page - International Rectifier IRF3315 Datasheet HTML 4Page - International Rectifier IRF3315 Datasheet HTML 5Page - International Rectifier IRF3315 Datasheet HTML 6Page - International Rectifier IRF3315 Datasheet HTML 7Page - International Rectifier IRF3315 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF3315
APPROVED
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
1
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
-60 -40 -20
0
20
40 60
80 100 120 140 160 180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
27A
1
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 175 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
1
10
100
1000
4.0
5.0
6.0
7.0
8.0
9.0
10.0
V
= 50V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 175 C
J
°
INPUT NEW DATA
INPUT NEW DATA
INPUT NEW DATA
INPUT NEW DATA


Similar Part No. - IRF3315

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF3315 ISC-IRF3315 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF3315L IRF-IRF3315L Datasheet
197Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
logo
Inchange Semiconductor ...
IRF3315L ISC-IRF3315L Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF3315LPBF IRF-IRF3315LPBF Datasheet
386Kb / 10P
   HEXFET Power MOSFET
IRF3315LPBF IRF-IRF3315LPBF Datasheet
391Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRF3315

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFIZ24N IRF-IRFIZ24N Datasheet
105Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRF3315S IRF-IRF3315S Datasheet
197Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
IRF3415 IRF-IRF3415 Datasheet
94Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRFPS3815 IRF-IRFPS3815 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.015ohm, Id=105A)
IRFRU6215 IRF-IRFRU6215 Datasheet
141Kb / 10P
   Power MOSFET(Vdss=-150V, Rds(on)=0.295ohm, Id=-13A)
IRF3415S IRF-IRF3415S Datasheet
156Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRFP3415 IRF-IRFP3415 Datasheet
92Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRF5M5210 IRF-IRF5M5210 Datasheet
113Kb / 7P
   POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.07ohm, Id=-34A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com