Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLU3915 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # IRLU3915
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLU3915 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRLU3915 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRLU3915 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLU3915 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLU3915 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLU3915 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLU3915 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLU3915 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLU3915 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLU3915 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon limited)
61
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (See Fig.9)
43
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package limited)
30
IDM
Pulsed Drain Current

240
PD @TC = 25°C
Power Dissipation
120
W
Linear Derating Factor
0.77
W/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy
‚
200
mJ
EAS (6 sigma)
Single Pulse Avalanche Energy Tested Value
‡
600
IAR
Avalanche Current

See Fig.12a, 12b, 15, 16
A
EAR
Repetitive Avalanche Energy
†
mJ
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
IRLR3915
IRLU3915
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.3
RθJA
Junction-to-Ambient (PCB mount)
ˆ
–––
50
°C/W
RθJA
Junction-to-Ambient–––
110
Thermal Resistance
VDSS = 55V
RDS(on) = 14mΩ
ID = 30A
Description
Specifically designed for Automotive applications,
thi Power MOSFET utilizes the latest
processing techniques to achieve extremely low
on-resistance per silicon area. Additional features
of this product are a 175°C junction operating
temperature, fast switching speed and improved
repetitive avalanche rating. These features com-
bine to make this design an extremely efficient and
reliable device for use in Automotive applications
and a wide variety of other applications.
S
D
G
Features
Advanced Process Technology
Ultra Low On-Resistance
175°C Operating Temperature
Fast Switching
Repetitive Avalanche Allowed up to Tjmax
D-Pak
IRLR3915
I-Pak
IRLU3915
201408016
1
www.kersemi.com


Similar Part No. - IRLU3915

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLU3915 IRF-IRLU3915 Datasheet
581Kb / 11P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRLU3915 ISC-IRLU3915 Datasheet
246Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLU3915PBF IRF-IRLU3915PBF Datasheet
310Kb / 11P
   AUTOMOTIVE MOSFET
IRLU3915PBF IRF-IRLU3915PBF Datasheet
328Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRLU3915

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com