Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ690 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SJ690
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ690 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SJ690_15 Datasheet HTML 1Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D19954EJ1V0DS
2
2SJ690
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain Cut-off Current
IDSS
VDS =
−30 V, VGS = 0 V
–1
μA
Gate Leakage Current
IGSS
VGS = m12 V, VDS = 0 V
m10
μA
Gate to Source Cut-off Voltage
VGS(off)
VDS =
−10 V, ID = −1.0 mA
−0.5
−1.5
V
Forward Transfer Admittance
Note
| yfs |
VDS =
−10 V, ID = −1.0 A
2.0
S
Drain to Source On-state Resistance
Note
RDS(on)1
VGS =
−4.5 V, ID = −1.0 A
87
119
m
Ω
RDS(on)2
VGS =
−2.5 V, ID = −1.0 A
120
217
m
Ω
Input Capacitance
Ciss
VDS =
−10 V,
450
pF
Output Capacitance
Coss
VGS = 0 V,
80
pF
Reverse Transfer Capacitance
Crss
f = 1.0 MHz
64
pF
Turn-on Delay Time
td(on)
VDD =
−15 V, ID = −1.0 A,
12
ns
Rise Time
tr
VGS =
−4.5 V,
5
ns
Turn-off Delay Time
td(off)
RG = 10
Ω
38
ns
Fall Time
tf
29
ns
Total Gate Charge
QG
VDD =
−24 V,
5.2
nC
Gate to Source Charge
QGS
VGS =
−4.5 V,
1.1
nC
Gate to Drain Charge
QGD
ID =
−2.5 A
2.3
nC
Diode Forward Voltage
Note
VF(S-D)
IF =
−2.5 A, VGS = 0 V
0.9
V
Reverse Recovery Time
trr
IF =
−2.5 A, VGS = 0 V,
37
ns
Reverse Recovery Charge
Qrr
di/dt =
−50 A/
μs
14
nC
Note Pulsed
TEST CIRCUIT 2 GATE CHARGE
TEST CIRCUIT 1 SWITCHING TIME
PG.
RG
0
VGS (−)
D.U.T.
RL
VDD
τ = 1 s
μ
Duty Cycle
≤ 1%
τ
PG.
50
Ω
D.U.T.
RL
VDD
IG =
−2 mA
VGS
Wave Form
VDS
Wave Form
VGS(−)
VDS(−)
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%


Similar Part No. - 2SJ690_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ690-T1B-AT RENESAS-2SJ690-T1B-AT Datasheet
267Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
September 2009 NS
More results

Similar Description - 2SJ690_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com