Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3415L Datasheet(PDF) 1 Page - International Rectifier

Part # IRF3415L
Description  Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3415L Datasheet(HTML) 1 Page - International Rectifier

  IRF3415L Datasheet HTML 1Page - International Rectifier IRF3415L Datasheet HTML 2Page - International Rectifier IRF3415L Datasheet HTML 3Page - International Rectifier IRF3415L Datasheet HTML 4Page - International Rectifier IRF3415L Datasheet HTML 5Page - International Rectifier IRF3415L Datasheet HTML 6Page - International Rectifier IRF3415L Datasheet HTML 7Page - International Rectifier IRF3415L Datasheet HTML 8Page - International Rectifier IRF3415L Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRF3415S/L
HEXFET® Power MOSFET
PD - 91509C
l Advanced Process Technology
l Surface Mount (IRF3415S)
l Low-profile through-hole (IRF3415L)
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
5/13/98
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low
on-resistance per silicon area.
This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of
its low internal connection resistance and can dissipate
up to 2.0W in a typical surface mount application.
The through-hole version (IRF3415L) is available for low-
profile applications.
Description
VDSS = 150V
RDS(on) = 0.042Ω
ID = 43A
2
D
P ak
TO-26 2
S
D
G
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V…
43
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V…
30
A
IDM
Pulsed Drain Current
…
150
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
200
W
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚…
590
mJ
IAR
Avalanche Current

22
A
EAR
Repetitive Avalanche Energy

20
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C


Similar Part No. - IRF3415L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3415L IRF-IRF3415L Datasheet
167Kb / 11P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF3415L ISC-IRF3415L Datasheet
299Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IRF3415L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3415 IRF-IRF3415 Datasheet
94Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRFP3415 IRF-IRFP3415 Datasheet
92Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRF5N3415 IRF-IRF5N3415 Datasheet
117Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.042ohm, Id=37.5A)
IRFIZ34E IRF-IRFIZ34E Datasheet
114Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=0.042ohm, Id=21A)
IRF3315S IRF-IRF3315S Datasheet
197Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
IRFPS3815 IRF-IRFPS3815 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.015ohm, Id=105A)
IRFRU6215 IRF-IRFRU6215 Datasheet
141Kb / 10P
   Power MOSFET(Vdss=-150V, Rds(on)=0.295ohm, Id=-13A)
IRF3315 IRF-IRF3315 Datasheet
124Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.07ohm, Id=27A)
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFB23N15D IRF-IRFB23N15D Datasheet
139Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.090ohm, Id=23A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com