Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3708S Datasheet(PDF) 6 Page - International Rectifier

Part # IRF3708S
Description  Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3708S Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF3708S Datasheet HTML 2Page - International Rectifier IRF3708S Datasheet HTML 3Page - International Rectifier IRF3708S Datasheet HTML 4Page - International Rectifier IRF3708S Datasheet HTML 5Page - International Rectifier IRF3708S Datasheet HTML 6Page - International Rectifier IRF3708S Datasheet HTML 7Page - International Rectifier IRF3708S Datasheet HTML 8Page - International Rectifier IRF3708S Datasheet HTML 9Page - International Rectifier IRF3708S Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF3708/3708S/3708L
6
www.irf.com
Fig 14a&b. Gate Charge Test Circuit
and Waveform
Fig 12. On-Resistance Vs. Drain Current
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
Vs. Drain Current
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
QG
QGS
QGD
VG
Charge
t p
V (BR )DS S
I AS
R G
IAS
0.0 1
tp
D.U .T
L
VDS
+
-
VDD
DRIVER
A
15V
20 V
0
50
100
150
200
250
300
ID , Drain Current ( A )
0.005
0.010
0.015
0.020
0.025
VGS = 4.5V
VGS = 10V
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
VGS, Gate -to -Source Voltage (V)
0.007
0.009
0.011
0.013
0.015
0.017
ID = 31A
25
50
75
100
125
150
175
0
120
240
360
480
600
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
10A
20.7A
24.8A
Fig 13. On-Resistance Vs. Gate Voltage


Similar Part No. - IRF3708S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3708S IRF-IRF3708S Datasheet
147Kb / 11P
   High Frequency Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRF3708S KERSEMI-IRF3708S Datasheet
1Mb / 10P
   SMPS MOSFET
logo
International Rectifier
IRF3708SPBF IRF-IRF3708SPBF Datasheet
282Kb / 11P
   SMPS MOSFET HEXFET짰Power MOSFET
IRF3708SPBF IRF-IRF3708SPBF Datasheet
283Kb / 11P
   High Frequency DC-DC Isolated Converters
IRF3708STRR IRF-IRF3708STRR Datasheet
147Kb / 11P
   High Frequency Buck Converters for Computer Processor Power
More results

Similar Description - IRF3708S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7467 IRF-IRF7467 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)
IRF3707 IRF-IRF3707 Datasheet
143Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=62A)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRFZ48V IRF-IRFZ48V Datasheet
111Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRF1010E IRF-IRF1010E Datasheet
195Kb / 8P
   Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?
IRFIZ48V IRF-IRFIZ48V Datasheet
93Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=39A)
IRFZ48VS IRF-IRFZ48VS Datasheet
282Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRF1010ES IRF-IRF1010ES Datasheet
123Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A??
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com