Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S20GBJ20 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # S20GBJ20
Description  20.0Amp Glass Passivited Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S20GBJ20 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  S20GBJ20_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S20GBJ20_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S20GBJ20-C ~ S20GBJ80-C
Voltage 200V ~ 800V
20.0Amp Glass Passivited Bridge Rectifiers
Elektronische Bauelemente
23-Jul-2012 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - S20GBJ20_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S20GBJ20-C SECOS-S20GBJ20-C Datasheet
218Kb / 2P
   Voltage 200V ~800V 20.0Amp Glass Passivited Bridge Rectifiers
More results

Similar Description - S20GBJ20_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S20GBJ20-C SECOS-S20GBJ20-C Datasheet
218Kb / 2P
   Voltage 200V ~800V 20.0Amp Glass Passivited Bridge Rectifiers
S4GBU20-C SECOS-S4GBU20-C_18 Datasheet
234Kb / 2P
   4.0Amp Glass Passivited Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
GBU10005 YIXIN-GBU10005 Datasheet
865Kb / 2P
   10.0Amp Glass Passivited Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
S10GBU20 SECOS-S10GBU20_15 Datasheet
227Kb / 2P
   10.0Amp Glass Passivited Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
GBU6005 YIXIN-GBU6005 Datasheet
1Mb / 2P
   6.0Amp Glass Passivited Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
KBP2005G SECOS-KBP2005G_11 Datasheet
290Kb / 2P
   2.0Amp Glass Passivited Bridge Rectifiers
S4GBU20 SECOS-S4GBU20_15 Datasheet
232Kb / 2P
   4.0Amp Glass Passivited Bridge Rectifiers
S4GBU20-C SECOS-S4GBU20-C Datasheet
232Kb / 2P
   4.0Amp Glass Passivited Bridge Rectifiers
S6GBU20-C SECOS-S6GBU20-C Datasheet
225Kb / 2P
   6.0Amp Glass Passivited Bridge Rectifiers
S15GBJ20-C SECOS-S15GBJ20-C Datasheet
219Kb / 2P
   15.0Amp Glass Passivited Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com