Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KP51A Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # 15KP51A
Description  15000 Watts Axial Leaded Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

15KP51A Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  15KP51A Datasheet HTML 1Page - SUNMATE electronic Co., LTD 15KP51A Datasheet HTML 2Page - SUNMATE electronic Co., LTD 15KP51A Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
15KP240A
15KP220A
15KP200A
15KP180A
15KP170A
15KP160A
15KP150A
15KP130A
15KP120A
15KP110A
15KP100A
15KP90A
15KP85A
15KP78A
15KP75A
Reverse
Breakdown
Maximum
Maximum
Maximum
Max. Voltage
Part
Stand Off
Voltage @ IT
Reverse Leakage
Clamping
Peak Pulse
Temperature
Number
Voltage
@ VR
Voltage @ IPP
Current
Variation
VR
VBR (V)
IT
IR
VC
IPP
of VBR
(V)
Min.
(mA)
(
µA)
(V)
(A)
(mV/
°C)
75
83.3
5.0
10
135
111
100
15KP75CA
75
83.3
5.0
10
122
123
89
78
86.7
5.0
10
140
107
104
15KP78CA
78
86.7
5.0
10
126
119
93
85
94.4
5.0
10
152
99
113
15KP85CA
85
94.4
5.0
10
137
109
102
90
100
5.0
10
160
94
120
15KP90CA
90
100
5.0
10
146
103
110
100
111
5.0
10
179
84
134
15KP100CA
100
111
5.0
10
162
93
123
110
122
5.0
10
196
77
147
15KP110CA
110
122
5.0
10
178
84
133
120
133
5.0
10
214
70
161
15KP120CA
120
133
5.0
10
193
78
146
130
144
5.0
10
231
65
174
15KP130CA
130
144
5.0
10
209
72
158
150
167
5.0
10
268
56
202
15KP150CA
150
167
5.0
10
243
62
184
160
178
5.0
10
287
52
216
15KP160CA
160
178
5.0
10
259
58
196
170
189
5.0
10
304
49
229
15KP170CA
170
189
5.0
10
275
55
208
180
200
5.0
10
321
47
242
15KP180CA
180
200
5.0
10
287
52
220
200
222
5.0
10
356
42
296
15KP200CA
200
222
5.0
10
325
46
274
220
245
5.0
10
393
38
297
15KP220CA
220
245
5.0
10
347
43
273
240
267
5.0
10
428
35
324
15KP240CA
240
267
5.0
10
387
39
300
Note:
Suffix " A " denotes 5% tolerance device , no suffix denotes a 10% tolerance device.
* Prefered Voltages.
Fig. 2 - Peak Pulse Power vs. Pulse Time
Fig. 3 - Typical Capacitance vs. Breakdown Voltage
td Pulse Time - sec
100ns
1
µs
10
µs
100
µs
1ms
10ms
1.0
10
100
1,000
10,000
1,000
10
1
1V
10V
100V
1,000V
VBR - Breakdown Voltage - Volts
Measued at
Stad-off Voltage
3of3


Similar Part No. - 15KP51A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP51A EIC-15KP51A Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
15KP51A DIGITRON-15KP51A Datasheet
166Kb / 4P
   15,000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
15KP51A MICROSEMI-15KP51A Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
List of Unclassifed Man...
15KP51A ETC2-15KP51A Datasheet
318Kb / 4P
   Transient Voltage Suppressor
logo
Littelfuse
15KP51A LITTELFUSE-15KP51A Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
More results

Similar Description - 15KP51A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KP LITTELFUSE-15KP Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
1N6267 SUNMATE-1N6267 Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
BZW04P5V8 SUNMATE-BZW04P5V8 Datasheet
1Mb / 6P
   400 Watts Axial Leaded Transient Voltage Suppressor
20KPA20CA SUNMATE-20KPA20CA Datasheet
130Kb / 4P
   20000 Watts Axial Leaded Transient Voltage Suppressor
30KPA28CA SUNMATE-30KPA28CA Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
3KP180A SUNMATE-3KP180A Datasheet
698Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com