Selected language     English  ▼


LCE43CA Datasheet(PDF) 4 Page - SUNMATE electronic Co., LTD

Part No. LCE43CA
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNMATE [SUNMATE electronic Co., LTD]
Homepage  http://www.sunmate.tw/
Logo 

   
 4 page
background image
FIG.1 - PEAK PULSE POWER RATING CURVE
FIG.2 - PULSE DERATING CURVE
FIG.3 - PULSE WAVEFORM
100
10
0.1
1.0
tp, PULSE W IDTH
0.1
µs
1.0
µs
10
µs
100
µs
10ms
1.0ms
80
60
40
20
120
0
100
0
25
75
50
100
125
150
175
Peak Power
(single Pulse)
Average Power
Lead Lengths
0.375"(9.5mm)
TL, LEAD TEMPERATURE (
°C)
50
100
0
Tf = 10
µs
Peak Value
IRMS
Half Value - IRMS
TJ=25
°C
Pulse W idth (tp) is defined
as that point where the peak
current decays to 50%
of IRSM
10X1000 W aveform
as defined by R.E.A.
T, TIME(ms)
2
tp
1
0
2
3
4
100ms
4of4




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl