Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAC12 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SAC12
Description  500 Watts Axial Leaded Low Capacitance Transient Voltage Suppressor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SAC12 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SAC12 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SAC12 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2of2
Reverse
Maximum
Maximum
Maximum
Maximum
Working
Max. Inverse
Peak Inverse
Breakdown Voltage @ It
Stand-off
Reverse
Clamping
Reverse
Junction
Inverse
Blocking
Blocking
Voltage
Leakage
Voltage
Current
Capacitance
Blocking
Current
Voltage
@ VRWM
@ IRSM=5A
@ 0 Volt
Voltage
@ VWIB
VBR (V)
It
VRWM
IR
VRSM
IRSM
VWIB
IIB
VPIB
(mA)
(V)
(
µA)
(V)
(A)
pF
(V)
mA
(V)
SAC5.0
7.6
1.0
5.0
300
10.0
44
50
75
1.0
100
SAC6.0
7.9
1.0
6.0
300
11.2
41
50
75
1.0
100
SAC7.0
8.3
1.0
7.0
300
12.6
38
50
75
1.0
100
SAC8.0
8.9
1.0
8.0
100
13.4
36
50
75
1.0
100
SAC8.5
9.4
1.0
8.5
50
14.0
34
50
75
1.0
100
SAC10
11.1
1.0
10
5.0
16.3
29
50
75
1.0
100
SAC12
13.3
1.0
12
5.0
19.0
25
50
75
1.0
100
SAC15
16.7
1.0
15
5.0
23.6
20
50
75
1.0
100
SAC18
20.0
1.0
18
5.0
28.8
15
50
75
1.0
100
SAC22
24.4
1.0
22
5.0
35.4
14
50
75
1.0
100
SAC26
28.9
1.0
26
5.0
42.3
11.1
50
75
1.0
100
SAC30
33.3
1.0
30
5.0
48.6
10
50
75
1.0
100
SAC36
40.0
1.0
36
5.0
60.0
8.6
50
75
1.0
100
SAC45
50.0
1.0
45
5.0
77.0
6.8
50
150
1.0
200
SAC50
55.5
1.0
50
5.0
88.0
5.8
50
150
1.0
200
TYPE
NUMBER
Min.
FIG.1 - PEAK PULSE POWER RATING CURVE
FIG.2 - PULSE DERATING CURVE
FIG.3 - PULSE WAVEFORM
100
10
0.1
1.0
tp, PULSE WIDTH
0.1
µs
1.0
µs
10
µs
100
µs
10ms
1.0ms
80
60
40
20
120
0
100
0
25
75
50
10
125
150
175
Peak Power
(single Pulse)
Average Power
TL, LEAD TEMPERATURE (
°C)
50
100
0
Tf = 10
µs
Peak Value
IRMS
Half Value - IRMS
TJ=25
°C
Pulse Width (tp) is defined
as that point where the peak
current decays to 50%
of IRSM
10X1000 Waveform
as defined by R.E.A.
T, TIME(ms)
2
tp
1
0
2
3
4


Similar Part No. - SAC12

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC12 EIC-SAC12 Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Littelfuse
SAC12 LITTELFUSE-SAC12 Datasheet
3Mb / 146P
   TVS Diode Products
logo
StarHope
SAC12 SPSEMI-SAC12 Datasheet
282Kb / 4P
   Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
logo
Microsemi Corporation
SAC12 MICROSEMI-SAC12 Datasheet
65Kb / 2P
   LOW CAPACITANCE TRANSIENT ABSORPTION ZENER
logo
MERITEK ELECTRONICS COR...
SAC12 MERITEK-SAC12 Datasheet
460Kb / 3P
   Transient Voltage Suppressors
More results

Similar Description - SAC12

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
1N6267 SUNMATE-1N6267 Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
BZW04P5V8 SUNMATE-BZW04P5V8 Datasheet
1Mb / 6P
   400 Watts Axial Leaded Transient Voltage Suppressor
20KPA20CA SUNMATE-20KPA20CA Datasheet
130Kb / 4P
   20000 Watts Axial Leaded Transient Voltage Suppressor
30KPA28CA SUNMATE-30KPA28CA Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
SA5.0CA SUNMATE-SA5.0CA Datasheet
223Kb / 4P
   500 Watts Axial Leaded Transient Voltage Suppressors
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com