Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8S11A Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SM8S11A
Description  SURFACE MOUNT Automotive transient voltage suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SM8S11A Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SM8S11A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SM8S11A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SM8S11A Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM8S43CA
47.8
58.4
5.0
43
10
150
86.0
76.7
SM8S40CA
44.4
54.3
5.0
40
10
150
92.4
71.4
SM8S36CA
40.0
48.9
5.0
36
10
150
103
64.3
SM8S33CA
36.7
44.9
5.0
33
10
150
112
59.0
SM8S30CA
33.3
40.7
5.0
30
10
150
123
53.5
SM8S28CA
31.1
38.0
5.0
28
10
150
132
50.1
SM8S26CA
28.9
35.3
5.0
26
10
150
142
46.6
SM8S24XCA
26.7
32.6
5.0
24
10
150
153
43.0
SM8S22CA
24.4
29.8
5.0
22
10
150
168
39.4
SM8S20CA
22.2
27.1
5.0
20
10
150
184
35.8
SM8S18CA
20.0
24.4
5.0
18
10
150
205
32.2
SM8S17CA
18.9
23.1
5.0
17
10
150
216
30.5
SM8S16CA
17.8
21.8
5.0
16
10
150
229
28.8
SM8S15CA
16.7
20.4
5.0
15
10
150
245
26.9
SM8S14CA
15.6
19.1
5.0
14
10
150
256
25.8
SM8S13CA
14.4
17.6
5.0
13
10
150
277
23.8
SM8S12CA
13.3
16.3
5.0
12
10
150
300
22.0
SM8S11CA
12.2
14.9
5.0
11
10
150
328
20.1
SM8S10CA
11.1
13.6
5.0
10
15
250
351
18.8
Electrical Characteristics (TC = 25°C unless otherwise noted)
Maximum
Maximum
Max. Peak
Maximum
Reverse
Reverse
Pulse
Clamping
Device Type
Breakdown Voltage
Test Current
Stand-off
Leakage
Leakage
Current
Voltage at
V(BR)
IT
Voltage
at VWM
at VWM
at 10/1000µsIPPM
(V)
VWM
ID
Tc = 175oC
Waveform
VC
Min.
Max.
(mA)
(V)
(µA)
ID(µA)
(A)
(V)
SM8S10A
11.1
12.3
5.0
10
15
250
388
17.0
SM8S11A
12.2
13.5
5.0
11
10
150
363
18.2
SM8S12A
13.3
14.7
5.0
12
10
150
332
19.9
SM8S13A
14.4
15.9
5.0
13
10
150
307
21.5
SM8S14A
15.6
17.2
5.0
14
10
150
284
23.2
SM8S15A
16.7
18.5
5.0
15
10
150
270
24.4
SM8S16A
17.8
19.7
5.0
16
10
150
254
26.0
SM8S17A
18.9
20.9
5.0
17
10
150
239
27.6
SM8S18A
20.0
22.1
5.0
18
10
150
226
29.2
SM8S20A
22.2
24.5
5.0
20
10
150
204
32.4
SM8S22A
24.4
26.9
5.0
22
10
150
186
35.5
SM8S24A
26.7
29.5
5.0
24
10
150
170
38.9
SM8S26A
28.9
31.9
5.0
26
10
150
157
42.1
SM8S28A
31.1
34.4
5.0
28
10
150
145
45.4
SM8S30A
33.3
36.8
5.0
30
10
150
136
48.4
SM8S33A
36.7
40.6
5.0
33
10
150
124
53.3
SM8S36A
40.0
44.2
5.0
36
10
150
114
58.1
SM8S40A
44.4
49.1
5.0
40
10
150
102
64.5
SM8S43A
47.8
52.8
5.0
43
10
150
95.1
69.4
Note: For all types maximum VF = 1.8V at IF = 100A measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
2 of 3


Similar Part No. - SM8S11A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S11A VISHAY-SM8S11A Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
SUNMATE electronic Co.,...
SM8S11A SUNMATE-SM8S11A Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
SM8S11A UNSEMI-SM8S11A Datasheet
3Mb / 6P
   Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Vishay Siliconix
SM8S11A VISHAY-SM8S11A Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Shanghai Shunye Electro...
SM8S11A SHUNYE-SM8S11A Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
More results

Similar Description - SM8S11A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
logo
Shanghai Shunye Electro...
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
   Surface Mount Automotive Transient Voltage Suppressors
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Shunye Electro...
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com