Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ11A Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # SMAJ11A
Description  400W SURFACE MOUNT TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMAJ11A Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  SMAJ11A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMAJ11A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMAJ11A Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMAJ11A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMAJ54
SMAJ54C
RD
WD
54
60.0
76.0
1.0
96.3
4.2
5.0
SMAJ54A
SMAJ54CA
RE
WE
54
60.0
69.0
1.0
87.1
4.6
5.0
SMAJ58
SMAJ58C
RF
WF
58
64.4
81.6
1.0
103
3.9
5.0
SMAJ58A
SMAJ58CA
RG
WG
58
64.4
74.1
1.0
93.6
4.3
5.0
SMAJ60
SMAJ60C
RH
WH
60
66.7
84.5
1.0
107
3.7
5.0
SMAJ60A
SMAJ60CA
RK
WK
60
66.7
76.7
1.0
96.8
4.1
5.0
SMAJ64
SMAJ64C
RL
WL
64
71.1
90.1
1.0
114
3.5
5.0
SMAJ64A
SMAJ64CA
RM
WM
64
71.1
81.8
1.0
103
3.9
5.0
SMAJ70
SMAJ70C
RN
WN
70
77.8
98.6
1.0
125
3.2
5.0
SMAJ70A
SMAJ70CA
RP
WP
70
77.8
89.5
1.0
113
3.5
5.0
SMAJ75
SMAJ75C
RQ
WQ
75
83.0
105.7
1.0
134
3.0
5.0
SMAJ75A
SMAJ75CA
RR
WR
75
83.0
95.8
1.0
121
3.3
5.0
SMAJ78
SMAJ78C
RS
WS
78
86.0
109.8
1.0
139
2.9
5.0
SMAJ78A
SMAJ78CA
RT
WT
78
86.0
99.7
1.0
126
3.2
5.0
SMAJ85
SMAJ85C
RU
WU
85
94.0
119.2
1.0
151
2.6
5.0
SMAJ85A
SMAJ85CA
RV
WV
85
94.0
108.2
1.0
137
2.9
5.0
SMAJ90
SMAJ90C
RW
WW
90
100
126.5
1.0
160
2.5
5.0
SMAJ90A
SMAJ90CA
RX
WX
90
100
115.5
1.0
146
2.7
5.0
SMAJ100
SMAJ100C
RY
WY
100
111
141.0
1.0
179
2.2
5.0
SMAJ100A SMAJ100CA
RZ
WZ
100
111
128.0
1.0
162
2.5
5.0
SMAJ110
SMAJ110C
SD
XD
110
122
154.5
1.0
196
2.0
5.0
SMAJ110A
SMAJ110CA
SE
XE
110
122
140.5
1.0
177
2.3
5.0
SMAJ120
SMAJ120C
SF
XF
120
133
169.0
1.0
214
1.9
5.0
SMAJ120A SMAJ120CA
SG
XG
120
133
153.0
1.0
193
2.1
5.0
SMAJ130
SMAJ130C
SH
XH
130
144
182.5
1.0
231
1.7
5.0
SMAJ130A SMAJ130CA
SK
XK
130
144
165.5
1.0
209
1.9
5.0
SMAJ150
SMAJ150C
SL
XL
150
167
211.5
1.0
268
1.5
5.0
SMAJ150A SMAJ150CA
SM
XM
150
167
192.5
1.0
243
1.6
5.0
SMAJ160
SMAJ160C
SN
XN
160
178
226.0
1.0
287
1.4
5.0
SMAJ160A SMAJ160CA
SP
XP
160
178
205.0
1.0
259
1.5
5.0
SMAJ170
SMAJ170C
SQ
XQ
170
189
239.5
1.0
304
1.3
5.0
SMAJ170A SMAJ170CA
SR
XR
170
189
217.5
1.0
275
1.5
5.0
SMAJ180
SMAJ180C
SS
XS
180
200
253.8
1.0
321
1.2
5.0
SMAJ180A SMAJ180CA
ST
XT
180
200
230.4
1.0
290
1.4
5.0
SMAJ190
SMAJ190C
SU
XU
190
211
267.9
1.0
339
1.2
5.0
SMAJ190A SMAJ190CA
SV
XV
190
211
243.2
1.0
306
1.3
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double


Similar Part No. - SMAJ11A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ11A JGD-SMAJ11A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMAJ11A VISHAY-SMAJ11A Datasheet
100Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
logo
Littelfuse
SMAJ11A LITTELFUSE-SMAJ11A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Alpha & Omega Semicondu...
SMAJ11A AOSMD-SMAJ11A Datasheet
713Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
logo
Galaxy Semi-Conductor H...
SMAJ11A BILIN-SMAJ11A Datasheet
775Kb / 7P
   Transient Voltage Suppressor
More results

Similar Description - SMAJ11A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMF4L LITTELFUSE-SMF4L Datasheet
1Mb / 6P
   TVS Diodes Surface Mount ??400W
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
   400W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_15 Datasheet
76Kb / 4P
   400W Peak Power Surface Mount TVS
logo
Littelfuse
SZ1SMA LITTELFUSE-SZ1SMA Datasheet
794Kb / 7P
   TVS Diodes Surface Mount > 400W > SZ1SMA Series
Revised: GD. 12/18/20
logo
UN Semiconducctor INC
4.0SMF3.3A UNSEMI-4.0SMF3.3A Datasheet
2Mb / 4P
   3.3A 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shanghai Leiditech Elec...
P4SMA LEIDITECH-P4SMA Datasheet
1Mb / 7P
   Surface Mount ??400W
P4SMFJ LEIDITECH-P4SMFJ Datasheet
3Mb / 7P
   Surface Mount - 400W
01.06.2019
logo
UN Semiconducctor INC
SMAJ UNSEMI-SMAJ Datasheet
3Mb / 8P
   3.3 To 440V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
P4SMA UNSEMI-P4SMA Datasheet
3Mb / 7P
   6.8 To 600V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com