Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF540N Datasheet(PDF) 2 Page - International Rectifier

Part # IRF540N
Description  Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF540N Datasheet(HTML) 2 Page - International Rectifier

  IRF540N Datasheet HTML 1Page - International Rectifier IRF540N Datasheet HTML 2Page - International Rectifier IRF540N Datasheet HTML 3Page - International Rectifier IRF540N Datasheet HTML 4Page - International Rectifier IRF540N Datasheet HTML 5Page - International Rectifier IRF540N Datasheet HTML 6Page - International Rectifier IRF540N Datasheet HTML 7Page - International Rectifier IRF540N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF540N
2
www.irf.com
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.2
V
TJ = 25°C, IS = 16A, VGS = 0V
„
trr
Reverse Recovery Time
–––
115
170
ns
TJ = 25°C, IF = 16A
Qrr
Reverse Recovery Charge
–––
505
760
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
33
110
A
‚ Starting T
J = 25°C, L =1.5mH
RG = 25Ω, IAS = 16A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11)
Notes:
ƒ I
SD ≤ 16A, di/dt ≤ 340A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… This is a typical value at device destruction and represents
operation outside rated limits.
† This is a calculated value limited to TJ = 175°C .
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
VVGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.12
–––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
44
m
VGS = 10V, ID = 16A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
21
–––
–––
SVDS = 50V, ID = 16A
„
–––
–––
25
µA
VDS = 100V, VGS = 0V
–––
–––
250
VDS = 80V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
71
ID = 16A
Qgs
Gate-to-Source Charge
–––
–––
14
nC
VDS = 80V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
21
VGS = 10V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
11
–––
VDD = 50V
tr
Rise Time
–––
35
–––
ID = 16A
td(off)
Turn-Off Delay Time
–––
39
–––
RG = 5.1Ω
tf
Fall Time
–––
35
–––
VGS = 10V, See Fig. 10
„
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
1960 –––
VGS = 0V
Coss
Output Capacitance
–––
250
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
40
–––
pF
ƒ = 1.0MHz, See Fig. 5
EAS
Single Pulse Avalanche Energy
‚
–––
700
… 185† mJ
IAS = 16A, L = 1.5mH
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current


Similar Part No. - IRF540N

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF540N INTERSIL-IRF540N Datasheet
126Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel Power MOSFET
logo
Kersemi Electronic Co.,...
IRF540N KERSEMI-IRF540N Datasheet
734Kb / 8P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF540N ISC-IRF540N Datasheet
237Kb / 2P
   N-Channel Mosfet Transistor
logo
List of Unclassifed Man...
IRF540N ETC2-IRF540N Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
IRF540N FAIRCHILD-IRF540N Datasheet
138Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel, Power MOSFET
More results

Similar Description - IRF540N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF540NS IRF-IRF540NS Datasheet
125Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
IRFP140N IRF-IRFP140N Datasheet
158Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0,052ohm, Id=33A)
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRFIZ46N IRF-IRFIZ46N Datasheet
104Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.020ohm, Id=33A)
IRFB33N15D IRF-IRFB33N15D Datasheet
139Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.056ohm, Id=33A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com