Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF5801 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF5801
Description  Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5801 Datasheet(HTML) 6 Page - International Rectifier

  IRF5801 Datasheet HTML 1Page - International Rectifier IRF5801 Datasheet HTML 2Page - International Rectifier IRF5801 Datasheet HTML 3Page - International Rectifier IRF5801 Datasheet HTML 4Page - International Rectifier IRF5801 Datasheet HTML 5Page - International Rectifier IRF5801 Datasheet HTML 6Page - International Rectifier IRF5801 Datasheet HTML 7Page - International Rectifier IRF5801 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF5801
6
www.irf.com
25
50
75
100
125
150
0
5
10
15
20
25
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
0.4A
0.7A
0.9A
Fig 13. On-Resistance Vs. Gate Voltage
Fig 12. On-Resistance Vs. Drain Current
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
Vs. Drain Current
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
QG
QGS
QGD
VG
Charge
t p
V (BR )DS S
I AS
R G
IAS
0.0 1
tp
D.U .T
L
VDS
+
-
VDD
DRIVER
A
15V
20 V
01
234
5
ID , Drain Current ( A )
0.000
2.000
4.000
6.000
8.000
10.000
12.000
VGS = 10V
6.0
7.0
8.0
9.0
10.0 11.0 12.0 13.0 14.0 15.0
VGS, Gate -to -Source Voltage (V)
1.500
1.750
2.000
2.250
2.500
ID = 0.6A


Similar Part No. - IRF5801

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5801PBF IRF-IRF5801PBF Datasheet
229Kb / 8P
   High frequency DC-DC converters
IRF5801PBF-1 IRF-IRF5801PBF-1 Datasheet
203Kb / 8P
   Industry-standard pinout TSOP-6 Package
IRF5801PBF-1 IRF-IRF5801PBF-1_15 Datasheet
203Kb / 8P
   HEXFET Power MOSFET
IRF5801PBF IRF-IRF5801PBF_15 Datasheet
229Kb / 8P
   High frequency DC-DC converters
IRF5801TRPBF IRF-IRF5801TRPBF Datasheet
229Kb / 8P
   High frequency DC-DC converters
More results

Similar Description - IRF5801

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBC30A IRF-IRFBC30A Datasheet
101Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFBC30AS IRF-IRFBC30AS Datasheet
147Kb / 10P
   Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFBC30 IRF-IRFBC30 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFIBC30G IRF-IRFIBC30G Datasheet
169Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A)
IRFBC30S IRF-IRFBC30S Datasheet
362Kb / 10P
   Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFB38N20D IRF-IRFB38N20D Datasheet
133Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRFB31N20D IRF-IRFB31N20D Datasheet
190Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com