Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7311 Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # IRF7311
Description  Ultra Low On-Resistance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF7311 Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  IRF7311 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF7311 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF7311 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF7311 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF7311 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF7311 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF7311 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Fig 8. Maximum Avalanche Energy
Vs. Drain Current
Fig 6. Typical On-Resistance Vs. Drain
Current
Fig 7. Typical On-Resistance Vs. Gate
Voltage
Fig 5. Normalized On-Resistance
Vs. Temperature
25
50
75
100
125
150
0
50
100
150
200
250
300
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
1.8A
3.3A
4.1A
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
4.5V
6.0A
0.01
0.02
0.03
0.04
0.05
0246
8
A
GS
V
, Gate-to-S ource V oltage (V)
I
= 6.6A
D
0.020
0.024
0.028
0.032
0
1 02 03 0
A
I , Drain C urrent (A)
D
V
= 4.5V
GS
V
= 2.7V
GS
IRF7311
www.kersemi.com
2014-8-8
4


Similar Part No. - IRF7311

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7311 IRF-IRF7311 Datasheet
209Kb / 7P
   HEXFET Power MOSFET
logo
Guangdong Youtai Semico...
IRF7311 UMW-IRF7311 Datasheet
2Mb / 6P
   30V 2N-Channel Enhancement Mode MOSFET
logo
International Rectifier
IRF7311PBF IRF-IRF7311PBF Datasheet
1Mb / 7P
   HEXFET짰Power MOSFET
IRF7311PBF IRF-IRF7311PBF Datasheet
1Mb / 7P
   GENERATION V TECHNOLOGY
IRF7311PBF IRF-IRF7311PBF_15 Datasheet
1Mb / 7P
   GENERATION V TECHNOLOGY
More results

Similar Description - IRF7311

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com