Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFM120A Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part # IRFM120A
Description  Avalanche Rugged Technology
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFM120A Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

  IRFM120A Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFM120A Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFM120A Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFM120A Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFM120A Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFM120A Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Fig 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V
DS
+
--
L
I
S
Driver
V
GS
R
G
Same Type
as DUT
V
GS
• dv/dt controlled by /
G
•I
S controlled by Duty Factor 0?
V
DD
10V
V
GS
( Driver )
I
S
( DUT )
V
DS
( DUT )
V
DD
Body Diode
Forward Voltage Drop
V
f
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
IRFM120A
2014-8-8
6
www.kersemi.com


Similar Part No. - IRFM120A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRFM120A FAIRCHILD-IRFM120A Datasheet
269Kb / 7P
   IEEE802.3af Compatible
IRFM120A FAIRCHILD-IRFM120A Datasheet
274Kb / 7P
   Avalanche Rugged Technology
logo
VBsemi Electronics Co.,...
IRFM120A VBSEMI-IRFM120A Datasheet
930Kb / 6P
   N-Channel 100-V (D-S) MOSFET
logo
ON Semiconductor
IRFM120A ONSEMI-IRFM120A Datasheet
385Kb / 8P
   Advanced Power MOSFET
December-2017, Rev 3
logo
Fairchild Semiconductor
IRFM120ATF FAIRCHILD-IRFM120ATF Datasheet
274Kb / 7P
   Avalanche Rugged Technology
More results

Similar Description - IRFM120A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SSP4N80AS FAIRCHILD-SSP4N80AS Datasheet
192Kb / 7P
   Avalanche Rugged Technology
IRFR130ATM FAIRCHILD-IRFR130ATM Datasheet
263Kb / 7P
   Avalanche Rugged Technology
IRFU120ATU FAIRCHILD-IRFU120ATU Datasheet
258Kb / 7P
   Avalanche Rugged Technology
IRFM120ATF FAIRCHILD-IRFM120ATF Datasheet
274Kb / 7P
   Avalanche Rugged Technology
SFR9220TF FAIRCHILD-SFR9220TF Datasheet
259Kb / 7P
   Avalanche Rugged Technology
logo
Inchange Semiconductor ...
BUZ11A ISC-BUZ11A Datasheet
66Kb / 2P
   Avalanche rugged technology
logo
Fairchild Semiconductor
SFU9120TU FAIRCHILD-SFU9120TU Datasheet
234Kb / 7P
   Avalanche Rugged Technology
IRFW530ATM FAIRCHILD-IRFW530ATM Datasheet
261Kb / 7P
   Avalanche Rugged Technology
SFR9024TF FAIRCHILD-SFR9024TF Datasheet
236Kb / 7P
   Avalanche Rugged Technology
IRLU110ATU FAIRCHILD-IRLU110ATU Datasheet
246Kb / 9P
   Avalanche Rugged Technology
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com