Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



PDU1220T Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

Part No. PDU1220T
Description  2.4kW Single-Phase Basic PDU, 120V Outlets (135-15-20R) L5-20P, 15ft Cord, 1U Rack-Mount
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

PDU1220T Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 page
background image
2.4kW Single-Phase Basic PDU, 120V Outlets (13
5-15/20R) L5-20P, 15ft Cord, 1U Rack-Mount
MODEL NUMBER: PDU1220T
Description
Tripp Lite Basic Power Distribution Units / PDU systems offer reliable rackmount power distribution for critical IT
equipment in wiring closets, server rooms and equipment racks. Supplies continuous power from any protected
UPS, generator or mains input power source. High quality design includes rugged all-metal housing and secure
rackmount installation with included mounting accessories.
Features
2.4kW 20A 120V single phase Basic Power Distribution Unit / PDU
1U horizontal 19 inch rackmount form factor installs in one rack space
NEMA L5-20P 20A 120v input plug with 15 ft. / 4.5m line cord
13 NEMA 5-15/20R outlets (1 front / 12 rear)
Adjustable mounting brackets enable installation in 2 or 4 post racks, plus additional support for wallmount
and under-counter mounting
Mounting ears are reversible for front or rear facing rackmount installation
Optional PDUSIDEBRKT enable 0U vertical installation in compatible racks
Back-panel grounding lug
Specifications
OVERVIEW
Style
Rackmount, Vertical Rackmount, Wallmount/Under-Counter
PDU Type
Basic
OUTPUT
Highlights
Basic single phase 20A 120V
PDU
1U horizontal rackmount
installation
NEMA L5-20P locking input; 15
ft. / 4.5m line cord
13 NEMA 5-15/20R outlets (1
front / 12 rear)
Reversible housing; 4.5 in. / 11.4
cm depth
Applications
Multi-outlet power distribution unit
is the ideal means of powering
multiple loads in 19 inch
rackmount, wallmount and
under-counter applications, such
as internetworking, PC systems,
telecommunications, audio/video,
security, sound reinforcement
and more. Ideal for distribution of
UPS, generator or commercially
derived AC power to protected
equipment.
Package Includes
PDU1220T Rackmount Power
Strip
Instruction manual and warranty
information
1 / 3


Html Pages

1  2  3 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn