Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1000RM1UTAA Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SM1000RM1UTAA
Description  TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SM1000RM1UTAA Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SM1000RM1UTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SM1000RM1UTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SM1000RM1UTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SM1000RM1UTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SM1000RM1UTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Full Load Runtime (min.)
4 min. (800w)
Half Load Runtime (min.)
14 min. (400w)
DC System Voltage (VDC)
24
Battery Recharge Rate (Included
Batteries)
Less than 4.5 hours from 10% to 90%
Internal UPS Replacement Battery
Cartridge
RBC69-1U
Battery Access
Front panel battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 83 to 147
Overvoltage Correction
Input voltages between 128 and 147 are reduced by 12%
Undervoltage Correction
Input voltages between 83 and 107 are boosted by 14%
USER INTERFACE, ALERTS & CONTROLS
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Audible Alarm
Audible alarm indicates power-failure, overload and low-battery conditions
LED Indicators
5 LEDs indicate line power, battery power, overload, voltage regulation and battery low/replace status
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
450 joules
UPS Dataline Suppression
1 line TEL/DSL or Ethernet
EMI / RFI AC Noise Suppression
Yes
AC Suppression Response Time
Instantaneous
PHYSICAL
Installation Form Factors Supported
with Included Accessories
4 post 19 inch rackmount; 2 post 19 inch rackmount
Included Mounting Accessory
Description
Included mounting brackets support 2 and 4 post rackmount installation; Optional 4POSTRAILKIT1U is available for
additional support
Primary Form Factor
Rackmount
UPS Power Module Dimensions
(hwd, in.)
1.7 x 17.5 x 16.8
UPS Power Module Dimensions
(hwd, cm)
4.4 x 44.4 x 42.5
Rack Height (U Spaces)
1
UPS Power Module Weight (lbs.)
32
3 / 5


Similar Part No. - SM1000RM1UTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SM1000RM2UTAA TRIPPLITE-SM1000RM2UTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results

Similar Description - SM1000RM1UTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SM1000RM2UTAA TRIPPLITE-SM1000RM2UTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART1000RM1U TRIPPLITE-SMART1000RM1U_15 Datasheet
482Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
SMART1000RM2U TRIPPLITE-SMART1000RM2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack, USB, DB9 Serial, LCD
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMART750RM1U TRIPPLITE-SMART750RM1U_15 Datasheet
481Kb / 5P
   SmartPro 120V 750VA 600W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack-Mount, USB,DB9 Serial
SMART500RT1UTAA TRIPPLITE-SMART500RT1UTAA Datasheet
482Kb / 5P
   TAA-Compliant SmartPro 120V 500VA 300W Line-Interactive UPS, SNMP, Webcard, 1U Rack/Tower, USB, DB9 Serial
SM3000RM2UNTAA TRIPPLITE-SM3000RM2UNTAA Datasheet
510Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard,2U Rack-Tower, LCD, USB, DB9 Serial
SMART1000RMXL2U TRIPPLITE-SMART1000RMXL2U Datasheet
510Kb / 5P
   SmartPro 120V 1kVA 900W Line Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART1050SLTAA TRIPPLITE-SMART1050SLTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP,Webcard, Tower, USB, DB9 Serial
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com