Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N0302P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # N0302P
Description  MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0302P Datasheet(HTML) 4 Page - Renesas Technology Corp

  N0302P_15 Datasheet HTML 1Page - Renesas Technology Corp N0302P_15 Datasheet HTML 2Page - Renesas Technology Corp N0302P_15 Datasheet HTML 3Page - Renesas Technology Corp N0302P_15 Datasheet HTML 4Page - Renesas Technology Corp N0302P_15 Datasheet HTML 5Page - Renesas Technology Corp N0302P_15 Datasheet HTML 6Page - Renesas Technology Corp N0302P_15 Datasheet HTML 7Page - Renesas Technology Corp N0302P_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D20205EJ1V0DS
2
N0302P
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS =
30 V, VGS = 0 V
10
μA
Gate Leakage Current
IGSS
VGS = m16 V, VDS = 0 V
m10
μA
Gate to Source Cut-off Voltage
VGS(off)
VDS =
10 V, ID = 1.0 mA
1.0
2.5
V
Forward Transfer AdmittanceNote
| yfs |
VDS =
10 V, ID = 2.2 A
2.0
S
Drain to Source On-state ResistanceNote
RDS(on)1
VGS =
10 V, ID = 2.2 A
35
54
m
Ω
RDS(on)2
VGS =
4.5 V, ID = 2.2 A
50
77
m
Ω
RDS(on)3
VGS =
4.0 V, ID = 2.2 A
60
150
m
Ω
Input Capacitance
Ciss
VDS =
10 V,
620
pF
Output Capacitance
Coss
VGS = 0 V,
130
pF
Reverse Transfer Capacitance
Crss
f = 1.0 MHz
100
pF
Turn-on Delay Time
td(on)
VDD =
15 V, ID = 2.2 A,
8
ns
Rise Time
tr
VGS =
10 V,
3
ns
Turn-off Delay Time
td(off)
RG = 10
Ω
53
ns
Fall Time
tf
26
ns
Total Gate Charge
QG
VDD =
24 V,
14
nC
Gate to Source Charge
QGS
VGS =
10 V,
2.2
nC
Gate to Drain Charge
QGD
ID =
4.4 A
4.4
nC
Body Diode Forward VoltageNote
VF(S-D)
IF = 4.4 A, VGS = 0 V
0.88
V
Reverse Recovery Time
Trr
IF = 4.4 A, VGS = 0 V,
29
ns
Reverse Recovery Charge
Qrr
di/dt = 50 A/
μs
12
nC
Note Pulsed
TEST CIRCUIT 2 GATE CHARGE
TEST CIRCUIT 1 SWITCHING TIME
PG.
RG
0
VGS (−)
D.U.T.
RL
VDD
τ = 1 s
μ
Duty Cycle
≤ 1%
τ
PG.
50
Ω
D.U.T.
RL
VDD
IG =
−2 mA
VGS
Wave Form
VDS
Wave Form
VGS (−)
VDS (−)
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%
VGS
Wave Form
VDS
Wave Form
VGS (−)
VDS (−)
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%


Similar Part No. - N0302P_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
N0302P-T1-AT RENESAS-N0302P-T1-AT Datasheet
263Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

Similar Description - N0302P_15

ManufacturerPart #DatasheetDescription
logo
NEC
NP82N055CHE NEC-NP82N055CHE Datasheet
77Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING SWITCHING
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com