Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N0302P Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # N0302P
Description  MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0302P Datasheet(HTML) 7 Page - Renesas Technology Corp

  N0302P_15 Datasheet HTML 1Page - Renesas Technology Corp N0302P_15 Datasheet HTML 2Page - Renesas Technology Corp N0302P_15 Datasheet HTML 3Page - Renesas Technology Corp N0302P_15 Datasheet HTML 4Page - Renesas Technology Corp N0302P_15 Datasheet HTML 5Page - Renesas Technology Corp N0302P_15 Datasheet HTML 6Page - Renesas Technology Corp N0302P_15 Datasheet HTML 7Page - Renesas Technology Corp N0302P_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet D20205EJ1V0DS
5
N0302P
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
SWITCHING CHARACTERISTICS
10
30
50
70
90
110
130
150
-0.1
-1
-10
-100
–4.5 V
Pulsed
–10 V
VGS = –4.0 V
ID - Drain Current - A
1
10
100
-0.1
-1
-10
-100
VDD = –15 V
VGS = –10 V
RG = 10
Ω
td(on)
tf
tr
td(off)
ID - Drain Current - A
APACITANCE vs. DRAIN TO SOURCE VOLTAGE
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
10
100
1000
-0.01
-0.1
-1
-10
-100
Ciss
Coss
Crss
VGS = 0 V
f = 1 MHz
VDS - Drain to Source Voltage - V
-0.01
-0.1
-1
-10
-100
0.0
0.5
1.0
1.5
VGS = 0 V
Pulsed
VF(S-D) - Source to Drain Voltage - V
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
ID = –4.4 A
VDD = –24 V
–15 V
–6 V
QG - Gate Change - nC


Similar Part No. - N0302P_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
N0302P-T1-AT RENESAS-N0302P-T1-AT Datasheet
263Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

Similar Description - N0302P_15

ManufacturerPart #DatasheetDescription
logo
NEC
NP82N055CHE NEC-NP82N055CHE Datasheet
77Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING SWITCHING
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com