Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF5M3205 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF5M3205
Description  POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.015ohm, Id=35A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5M3205 Datasheet(HTML) 1 Page - International Rectifier

  IRF5M3205 Datasheet HTML 1Page - International Rectifier IRF5M3205 Datasheet HTML 2Page - International Rectifier IRF5M3205 Datasheet HTML 3Page - International Rectifier IRF5M3205 Datasheet HTML 4Page - International Rectifier IRF5M3205 Datasheet HTML 5Page - International Rectifier IRF5M3205 Datasheet HTML 6Page - International Rectifier IRF5M3205 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
35*
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
35*
IDM
Pulsed Drain Current ➀
140
PD @ TC = 25°C
Max. Power Dissipation
125
W
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
475
mJ
IAR
Avalanche Current ➀
35
A
EAR
Repetitive Avalanche Energy ➀
12.5
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
2.6
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063in./1.6mm from case for 10s)
Weight
9.3 (Typical)
g
oC
A
08/28/01
www.irf.com
1
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRF5M3205
55V
0.015
Ω 35A*
For footnotes refer to the last page
HEXFET® POWER MOSFET
IRF5M3205
THRU-HOLE (TO-254AA)
55V, N-CHANNEL
Fifth Generation HEXFET®
power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve the lowest possible on-resistance
per silicon unit area. This benefit, combined with the
fast switching speed and ruggedized device design
that HEXFET power MOSFETs are well known for,
provides the designer with an extremely efficient device
for use in a wide variety of applications.
These devices are well-suited for applications such
as switching power supplies, motor controls, invert-
ers, choppers, audio amplifiers and high-energy pulse
circuits.
Features:
n Low RDS(on)
n Avalanche Energy Ratings
n Dynamic dv/dt Rating
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Light Weight
TO-254AA
* Current is limited by package
PD - 94292A


Similar Part No. - IRF5M3205

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5M3205 IRF-IRF5M3205 Datasheet
115Kb / 7P
   HEXFET짰 POWER MOSFET THRU-HOLE (TO-254AA)
IRF5M3205 IRF-IRF5M3205 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5M3205SCV IRF-IRF5M3205SCV Datasheet
115Kb / 7P
   HEXFET짰 POWER MOSFET THRU-HOLE (TO-254AA)
IRF5M3205 IRF-IRF5M3205_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
More results

Similar Description - IRF5M3205

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5M4905 IRF-IRF5M4905 Datasheet
115Kb / 7P
   POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.03ohm, Id=-35A*)
IRFPS3815 IRF-IRFPS3815 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.015ohm, Id=105A)
IRF5Y3205CM IRF-IRF5Y3205CM Datasheet
103Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.022ohm, Id=18A*)
IRF5NJZ48 IRF-IRF5NJZ48 Datasheet
116Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.016ohm, Id=22A*)
IRF5N3205 IRF-IRF5N3205 Datasheet
118Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.008ohm, Id=55A*)
IRF5YZ48CM IRF-IRF5YZ48CM Datasheet
105Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.029ohm, Id=18A*)
IRF5M3710 IRF-IRF5M3710 Datasheet
114Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.03ohm, Id=35A)
IRF5M3415 IRF-IRF5M3415 Datasheet
113Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=10V, Rds(on)=0.049ohm,Id=35A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com