Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART700SER Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SMART700SER
Description  SmartPro 120V 700VA 450W Line-Interactive UPS,Tower, DB9 Serial
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART700SER Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SMART700SER Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART700SER Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART700SER Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART700SER Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Battery Replacement Description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 75 to 147
Overvoltage Correction
Input voltages between 128 and 147 are reduced by 12%
Undervoltage Correction
Input voltages between 93 and 107 are boosted by 14%
Severe Undervoltage Correction
Input voltages between 75 and 92 are boosted by 30%
USER INTERFACE, ALERTS & CONTROLS
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Audible Alarm
Audible alarm indicates power-failure and low-battery conditions
LED Indicators
5 LEDs indicate line power, battery power, overload, voltage regulation and battery low/replace status
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
480
UPS AC Suppression Response
Time
Instantaneous
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Installation Form Factors Supported
with Optional Accessories
Wallmount (UPSWM - tower mounting kit)
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
11.8 x 7.2 x 7.8
UPS Power Module Dimensions
(hwd, cm)
29.8 x 18.4 x 19.7
UPS Power Module Weight (lbs.)
21
UPS Power Module Weight (kg)
9.5
UPS Shipping Dimensions (hwd / in.)
15 x 11.2 x 10.8
UPS Shipping Dimensions (hwd /
cm)
38.1 x 28.6 x 27.3
Shipping Weight (lbs.)
23.5
Shipping Weight (kg)
10.7
UPS Housing Material
Polycarbonate
ENVIRONMENTAL
3 / 4


Similar Part No. - SMART700SER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART700 ETC2-SMART700 Datasheet
509Kb / 5P
   SmartPro Tower UPS System - Intelligent
SMART700DV ETC2-SMART700DV Datasheet
514Kb / 6P
   SmartPro .7kVA Line Interactive UPS SNMPWEBCARD option, Tower, USB, Serial, EPO, 120/230V input, 120V output - enhanced runtime version
logo
Tripp Lite. All Rights ...
SMART700DV TRIPPLITE-SMART700DV_15 Datasheet
509Kb / 4P
   SmartPro 120V 700VA 450W Line-Interactive Sine Wave UPS, Dual Voltage, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART700HG ETC2-SMART700HG Datasheet
492Kb / 6P
   SmartPro Medical Grade .7kVA 120V Line interactive Tower UPS, full isolation, USB & Serial ports
logo
Tripp Lite. All Rights ...
SMART700HG TRIPPLITE-SMART700HG_15 Datasheet
489Kb / 5P
   SmartPro 120V 700VA 450W UL60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
More results

Similar Description - SMART700SER

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNISMART700 TRIPPLITE-OMNISMART700_15 Datasheet
497Kb / 5P
   OmniSmart 120V 700VA 450W Line-Interactive UPS,Tower USB port, DB9 Serial
SMART700DV TRIPPLITE-SMART700DV_15 Datasheet
509Kb / 4P
   SmartPro 120V 700VA 450W Line-Interactive Sine Wave UPS, Dual Voltage, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
SMART700HG TRIPPLITE-SMART700HG_15 Datasheet
489Kb / 5P
   SmartPro 120V 700VA 450W UL60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
SMART1500 TRIPPLITE-SMART1500_15 Datasheet
510Kb / 5P
   SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Tower, USB, DB9 Serial
SMART2200NET TRIPPLITE-SMART2200NET_15 Datasheet
507Kb / 4P
   SmartPro 120V 2.2kVA 1.7kW Line-Interactive UPS,Tower, 3-DB9 Serial ports
logo
Tumbler Technologies + ...
OMNISMART700 TRUMPOWER-OMNISMART700 Datasheet
491Kb / 5P
   OmniSmart 700VA Tower Line-Interactive 120V UPS
logo
Tripp Lite. All Rights ...
SMART1500XL TRIPPLITE-SMART1500XL_15 Datasheet
502Kb / 5P
   SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Extended Run, Tower, USB, DB9 Serial
SMX700HG TRIPPLITE-SMX700HG_15 Datasheet
495Kb / 4P
   SmartPro 230V 700VA 450W CE-IEC 60601-1 Medical-Grade Line-Interactive UPS, Tower, Full Isolation, USB, DB9 Serial
OMNI700LCD TRIPPLITE-OMNI700LCD Datasheet
527Kb / 5P
   Omni LCD 700VA Tower Line-Interactive 120V UPS
SMARTINT1500 TRIPPLITE-SMARTINT1500 Datasheet
494Kb / 5P
   SmartPro 230V 1.5kVA 940W Line-Interactive UPS,Tower, DB9 Serial
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com