Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART750USB Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SMART750USB
Description  SmartPro 120V 750VA 450W Line-Interactive UPS,AVR (Boost only), Tower, USB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART750USB Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMART750USB_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART750USB_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART750USB_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART750USB_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART750USB_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
computers by automatically switching UPS power off and back on again (part #WATCHDOGSW)
Built-in dataline suppression jacks protect a single dialup phone/DSL line or network Ethernet line connection
Built-in audible alarm and 4 front panel LEDs indicate UPS system and line power status
750VA/450 watt power handling ability supports a variety of computer, internetworking, telecom and consumer electronics equipment
Supports battery replacement via built-in access panel
Compatible with 120V/60Hz applications for USA, Canada, Mexico and more
$200,000 Ultimate Lifetime Insurance (U.S., Canada, and Puerto Rico only)
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
750
Output Watt Capacity (Watts)
450
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
Output Receptacles
(6) 5-15R
UPS Output Receptacles (Surge
Suppression Only)
3 UPS outlets, 3 surge-only outlets
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
UPS Input Connection Description
Angled input plug
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
2.2 min. (450w)
Half Load Runtime (min.)
8.3 min. (225w)
DC System Voltage (VDC)
12
2 / 5


Similar Part No. - SMART750USB_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART750USBTAA TRIPPLITE-SMART750USBTAA Datasheet
496Kb / 5P
   TAA-Compliant SmartPro 120V 750VA 450W Line-Interactive UPS, AVR (Boost only), Tower, USB
More results

Similar Description - SMART750USB_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART750USBTAA TRIPPLITE-SMART750USBTAA Datasheet
496Kb / 5P
   TAA-Compliant SmartPro 120V 750VA 450W Line-Interactive UPS, AVR (Boost only), Tower, USB
SMART750 TRIPPLITE-SMART750_15 Datasheet
497Kb / 4P
   SmartPro 120V 750VA 450W Line Interactive UPS,AVR (Reduce and Boost), Tower, USB
SMART700SER TRIPPLITE-SMART700SER Datasheet
491Kb / 4P
   SmartPro 120V 700VA 450W Line-Interactive UPS,Tower, DB9 Serial
logo
List of Unclassifed Man...
SMART750 ETC2-SMART750 Datasheet
501Kb / 6P
   SmartPro .75kVA Line Interactive UPS, Tower USB 120V
logo
Tripp Lite. All Rights ...
AVR750U TRIPPLITE-AVR750U_15 Datasheet
529Kb / 5P
   AVR Series 120V 750VA 450W Ultra-Compact Line-Interactive UPS with USB port
OMNI750ISO TRIPPLITE-OMNI750ISO Datasheet
498Kb / 5P
   OmniSmart 750VA Tower Line-Interactive 120V UPS
AVR750UTAA TRIPPLITE-AVR750UTAA_15 Datasheet
532Kb / 5P
   TAA-Compliant AVR Series 120V 750VA 450W Ultra-Compact Line-Interactive UPS with USB port
SMART1050 TRIPPLITE-SMART1050_15 Datasheet
502Kb / 5P
   SmartPro 120V 1.05kVA 705W Line-Interactive UPS,Tower, 120V, USB port
logo
List of Unclassifed Man...
SMART750USB ETC2-SMART750USB Datasheet
499Kb / 6P
   Smart USB 750VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
AVR750U TRIPPLITE-AVR750U Datasheet
529Kb / 5P
   AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com