Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART750USBTAA Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SMART750USBTAA
Description  TAA-Compliant SmartPro 120V 750VA 450W Line-Interactive UPS, AVR (Boost only), Tower, USB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART750USBTAA Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMART750USBTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART750USBTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART750USBTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART750USBTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART750USBTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAA-Compliant SmartPro 120V 750VA 450W
Line-Interactive UPS, AVR (Boost only), Tower, USB
MODEL NUMBER: SMART750USBTAA
Description
Tripp Lite's SMART750USBTAA is compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule
purchases. This line-interactive UPS system offers automatic voltage regulation, surge suppression and long
lasting battery support. 750VA/450 watt power handling ability supports entry-level PCs, network workstations,
point-of-sale equipment, small business phone systems, audio/video equipment and home theater systems.
Internal UPS circuits support entry level PC systems for up to 45 minutes during power failures so that connected equipment can be shut down without data
loss. Automatic Voltage Regulation (AVR) circuits regulate brownouts as low as 89 volts back to usable levels without using battery power. Offers complete
desktop power protection in an attractive, black tower configuration. Includes 3 battery-supported outlets for computer, monitor and one vital system peripheral
as well as 3 additional surge-only outlets for printers and other system accessories that do not require battery support. USB port (USB cable included) enables
optional unattended system shutdown without data loss in the case of extended power failure. PowerAlert Software available via free download from
www.tripplite.com. Built-in dataline protection jacks offer protection of a single dialup phone/DSL line or network Ethernet connection. Built-in audible alarm and
4 front panel LEDs indicate line power status, battery power status, battery low/replace status and voltage boost operation. Offers 2.2 minutes battery runtime
with a full load of 750VA/450 watts and 8.3 minutes with a half load of 375VA/225 watts. Supports battery replacement via built-in access panel. $200,000
Ultimate Lifetime Insurance (U.S., Canada, and Puerto Rico only).
Features
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
SMART750USBTAA line-interactive UPS system offers extended voltage regulation (AVR) and battery support as well as complete AC and
dialup/DSL/Ethernet line surge suppression
Supports entry level PC systems for up to 45 minutes during power failures to enable a safe system shutdown
Supports a max load of 750VA/450 watts for 2.2 minutes and a half load of 375VA/225 watts for 8.3 minutes
Automatic Voltage Regulation (AVR) circuits correct brownouts as low as 89 volts without using battery power
Attractive black tower configuration
Includes 3 battery-supported outlets, plus 3 additional surge-only outlets, 6 foot AC line cord (all NEMA 5-15)
USB port enables unattended shutdown without data loss during extended power failures; includes USB cable
Built-in USB port supports on battery, low battery, power restored, AC line voltage, DC battery voltage and battery capacity messaging; interface
supports timed inverter shutoff after unattended shutdown, activate self-test and 10 second reboot of connected equipment
Highlights
Federal Trade Agreements Act /
TAA Compliant for GSA
Schedule purchases
750VA tower 120V line
interactive UPS
Corrects brownouts as low as
89V without using battery power
3 UPS battery supported outlets,
3 surge-only outlets
USB port, TEL/DSL/ethernet
protection
NEMA 5-15P input plug and 6
NEMA 5-15R outlets
Package Includes
SMART750USBTAA TAA
Compliant UPS System
USB and telephone
interconnection cables
Instruction manual with warranty
information
1 / 5


Similar Part No. - SMART750USBTAA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART750USB ETC2-SMART750USB Datasheet
499Kb / 6P
   Smart USB 750VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
SMART750USB TRIPPLITE-SMART750USB_15 Datasheet
496Kb / 5P
   SmartPro 120V 750VA 450W Line-Interactive UPS,AVR (Boost only), Tower, USB
More results

Similar Description - SMART750USBTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART750USB TRIPPLITE-SMART750USB_15 Datasheet
496Kb / 5P
   SmartPro 120V 750VA 450W Line-Interactive UPS,AVR (Boost only), Tower, USB
SMART750 TRIPPLITE-SMART750_15 Datasheet
497Kb / 4P
   SmartPro 120V 750VA 450W Line Interactive UPS,AVR (Reduce and Boost), Tower, USB
AVR750UTAA TRIPPLITE-AVR750UTAA_15 Datasheet
532Kb / 5P
   TAA-Compliant AVR Series 120V 750VA 450W Ultra-Compact Line-Interactive UPS with USB port
AVR750UTAA TRIPPLITE-AVR750UTAA Datasheet
532Kb / 5P
   TAA Compliant AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
SMART550USBTAA TRIPPLITE-SMART550USBTAA Datasheet
495Kb / 5P
   TAA-Compliant SmartPro 120V 550VA 300W Line-Interactive UPS, Tower, USB, Tel-DSL Protection
SMART700SER TRIPPLITE-SMART700SER Datasheet
491Kb / 4P
   SmartPro 120V 700VA 450W Line-Interactive UPS,Tower, DB9 Serial
logo
List of Unclassifed Man...
SMART750 ETC2-SMART750 Datasheet
501Kb / 6P
   SmartPro .75kVA Line Interactive UPS, Tower USB 120V
logo
Tripp Lite. All Rights ...
AVR750U TRIPPLITE-AVR750U_15 Datasheet
529Kb / 5P
   AVR Series 120V 750VA 450W Ultra-Compact Line-Interactive UPS with USB port
SMART1500XLTAA TRIPPLITE-SMART1500XLTAA Datasheet
503Kb / 5P
   TAA-Compliant SmartPro 120V 1.5kVA 980W Line-Interactive UPS, Extended Run, Tower, USB,DB9 Serial
OMNI750ISO TRIPPLITE-OMNI750ISO Datasheet
498Kb / 5P
   OmniSmart 750VA Tower Line-Interactive 120V UPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com