Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART1000LCD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SMART1000LCD
Description  SmartPro LCD 120V 1kVA 500W Line-Interactive UPS, Tower, LCD Display, USB, TEL-DSL-Coax Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART1000LCD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMART1000LCD_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART1000LCD_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART1000LCD_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART1000LCD_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART1000LCD_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartPro LCD 120V 1kVA 500W Line-Interactive
UPS, Tower, LCD Display, USB, TEL/DSL/Coax
Protection
MODEL NUMBER: SMART1000LCD
Description
Tripp Lite's SMART1000LCD Line-Interactive Digital UPS System offers voltage regulation, surge suppression and long-lasting battery support for personal
computers, network workstations, home entertainment systems and media centers. Internal UPS circuits support entry-level PCs for up to 60 minutes or
individual DVR components for as long as 3 hours during power failures. Prevents data loss, viewing interruptions, lost recordings and loss of component
programming. Automatic Voltage Regulation (AVR) circuits regulate brownouts as low as 89 volts back to usable levels without using battery power. Offers
complete power protection in an attractive black tower configuration. Includes 4 battery-supported outlets, plus 4 additional surge suppression-only outlets for
items not requiring battery support. Space saving right angle 5-15P input plug.
USB port enables optional unattended system shutdown without data loss in the case of extended power failure, USB cable included. PowerAlert software
available via free download from www.tripplite.com. HID-compliant USB interface enables full integration with built-in power management and auto shutdown
features of Windows and Mac OS X. Full load efficiency rating of 97% offers energy-savings and cool operating temperatures. Built-in single-line RJ-11 phone
suppression jacks protect modem, satellite receiver or other peripherals with a standard dialup/DSL phone connection. Set of 2.2 GHz coaxial jacks protect
against surges entering on CATV, satellite or broadcast antenna connections. Built-in audible alarm and large LCD front panel voltage display indicates line
power status, battery power status, battery low/replace status and voltage boost operation.
The LCD display includes a dimmer switch and can be rotated for easy viewing in upright tower or horizontal shelf-mount position. 1000VA/500W
power-handling ability supports entry-level PCs, home entertainment systems, network workstations, audio/video components.
Features
LCD Display with dimmer switch indicates input voltage, battery capacity and a variety of operating conditions. Display is rotatable for easy viewing
whether UPS is in vertical or horizontal position
SMART1000LCD Digital Uninterruptible Power Supply offers voltage regulation, surge suppression and long lasting battery support during blackouts
Full load efficiency rating of 97% offers energy-savings and cool operating temperatures
Supports entry level PCs up to 60 minutes or single DVR components for up to 3 hours during blackouts
Regulates brownouts as low as 89 volts back to usable levels without using battery power
Highlights
1000VA / 1kVA tower 120V line
interactive UPS with LCD display
Corrects brownouts as low as
89V without using battery power
LCD screen reports input
voltage, battery charge and UPS
status
USB port, TEL/DSL/Coax
protection, Surge-only outlets,
97% efficiency
NEMA 5-15P input plug and 8
NEMA 5-15R outlets
Package Includes
SMART1000LCD Digital UPS
System
USB Cable
Phone Cord
Owner's Manual
1 / 5


Similar Part No. - SMART1000LCD_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART1000LCDTAA TRIPPLITE-SMART1000LCDTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro LCD 120V 1kVA 500W Line-Interactive UPS, Tower, LCD Display, USB,TEL/DSL/Coax Protection
SMART1000LCDU TRIPPLITE-SMART1000LCDU Datasheet
169Kb / 5P
   SmartPro LCD 120V 1000VA 500W Line-Interactive Desktop UPS, AVR, Tower, USB, TEL/DSL/Coax, 8 Outlets
More results

Similar Description - SMART1000LCD_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART1000LCDTAA TRIPPLITE-SMART1000LCDTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro LCD 120V 1kVA 500W Line-Interactive UPS, Tower, LCD Display, USB,TEL/DSL/Coax Protection
SMART1000LCDU TRIPPLITE-SMART1000LCDU Datasheet
169Kb / 5P
   SmartPro LCD 120V 1000VA 500W Line-Interactive Desktop UPS, AVR, Tower, USB, TEL/DSL/Coax, 8 Outlets
SMART550USB TRIPPLITE-SMART550USB_15 Datasheet
494Kb / 5P
   SmartPro 120V 550VA 300W Line-Interactive UPS,Tower, USB, Tel-DSL Protection
SMX1000LCD TRIPPLITE-SMX1000LCD Datasheet
490Kb / 5P
   SmartPro LCD 230V 1kVA 500W Line-Interactive UPS, Tower with LCD display and USB port
SMART1300LCDT TRIPPLITE-SMART1300LCDT Datasheet
549Kb / 5P
   SmartPro LCD 120V 1300VA 720W Line-Interactive UPS, Tower, LCD Display, USB
SMART1500LCDT TRIPPLITE-SMART1500LCDT Datasheet
550Kb / 5P
   SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Tower, LCD Display, USB
SMART550USBTAA TRIPPLITE-SMART550USBTAA Datasheet
495Kb / 5P
   TAA-Compliant SmartPro 120V 550VA 300W Line-Interactive UPS, Tower, USB, Tel-DSL Protection
SMART550USBWD TRIPPLITE-SMART550USBWD Datasheet
527Kb / 5P
   SmartPro 120V 550VA 300W Line-Interactive UPS,Watchdog Software, Tower, USB, Tel-DSL Protection
SMART1500LCD TRIPPLITE-SMART1500LCD_15 Datasheet
498Kb / 5P
   SmartPro LCD 120V 1.5kVA 900W Line-Interactive UPS, 2U Rack-Tower, LCD Display, USB, DB9 Serial
SMART1200LCD TRIPPLITE-SMART1200LCD_15 Datasheet
498Kb / 5P
   SmartPro LCD 120V 1.2kVA 700W Line-Interactive UPS, 2U Rack-Tower, LCD Display, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com