Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM7650 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # OM7650
Description  550 MHz, 34 dB gain push-pull amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

OM7650 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  OM7650_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. OM7650_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. OM7650_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. OM7650_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. OM7650_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. OM7650_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. OM7650_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OM7650_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 31 May 2006
2 of 7
Philips Semiconductors
OM7650
550 MHz, 34 dB gain push-pull amplifier
2.
Pinning information
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
input
2
common
3
common
5+VB
7
common
8
common
9
output
9
15
37
23 78
5
9
1
sym095
Table 3.
Ordering information
Type number
Package
Name
Description
Version
OM7650
-
rectangular single-ended package; aluminium flange;
2 vertical mounting holes; 2
× 6-32 UNC; 7 Sn-plated
in-line leads
SOT115BA
Table 4.
Marking
Type number
Marking
OM7650
INDI 50
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Vi
input voltage
-
55
dBmV
Tstg
storage temperature
−40
+100
°C
Tmb
mounting base temperature
−20
+100
°C


Similar Part No. - OM7650_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7650SM ETC-OM7650SM Datasheet
33Kb / 4P
   SURFACE MOUNT POSITIVE 0.5 VOLT, LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - OM7650_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM7650 NXP-OM7650 Datasheet
197Kb / 8P
   550 MHz, 34 dB gain push-pull amplifier
Rev. 2-29 September 2010
logo
Quanzhou Jinmei Electro...
BGY588C JMNIC-BGY588C_15 Datasheet
51Kb / 7P
   550 MHz, 34.5 dB gain push-pull amplifier
BGY588N JMNIC-BGY588N_15 Datasheet
55Kb / 8P
   550 MHz, 34.5 dB gain push-pull amplifier
BGY585A_2015 JMNIC-BGY585A_2015 Datasheet
57Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
BGY587_2015 JMNIC-BGY587_2015 Datasheet
55Kb / 8P
   550 MHz, 22 dB gain push-pull amplifier
BGY585A JMNIC-BGY585A_15 Datasheet
57Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
logo
NXP Semiconductors
BGY585A NXP-BGY585A Datasheet
243Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
Rev. 6 - 29 September 2010
BGY587 NXP-BGY587 Datasheet
101Kb / 8P
   550 MHz, 22 dB gain push-pull amplifier
Rev. 5 - 20 September 2011
BGY588C PHILIPS-BGY588C Datasheet
44Kb / 7P
   550 MHz, 34.5 dB gain push-pull amplifier
Rev. 01-11 April 2005
BGY585A NXP-BGY585A_01 Datasheet
57Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
2001 Oct 18
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com