Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF5NJ6215 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF5NJ6215
Description  POWER MOSFET P-CHANNEL(Vdss=-150V, Rds(on)=0.29ohm, Id=-11A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5NJ6215 Datasheet(HTML) 3 Page - International Rectifier

  IRF5NJ6215 Datasheet HTML 1Page - International Rectifier IRF5NJ6215 Datasheet HTML 2Page - International Rectifier IRF5NJ6215 Datasheet HTML 3Page - International Rectifier IRF5NJ6215 Datasheet HTML 4Page - International Rectifier IRF5NJ6215 Datasheet HTML 5Page - International Rectifier IRF5NJ6215 Datasheet HTML 6Page - International Rectifier IRF5NJ6215 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.irf.com
3
IRF5NJ6215
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
15
0.1
1
10
100
0.1
1
10
100

20µs PULSE WIDTH
T = 25 C
J
°

TOP
BOTTOM
VGS
-15V
-10V
-8.0V
-7.0V
-6.0V
-5.5V
-5.0V
-4.5V
-V
, Drain-to-Source Voltage (V)
DS
-4.5V
0.1
1
10
100
0.1
1
10
100

20µs PULSE WIDTH
T = 150 C
J
°

TOP
BOTTOM
VGS
-15V
-10V
-8.0V
-7.0V
-6.0V
-5.5V
-5.0V
-4.5V
-V
, Drain-to-Source Voltage (V)
DS
-4.5V
0.1
1
10
100
4
6
8
10
12
14

V
= -50V
20µs PULSE WIDTH
DS
-V
, Gate-to-Source Voltage (V)
GS

T = 25 C
J
°

T = 150 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature( C)
J
°


V
=
I =
GS
D
-10V
-11A


Similar Part No. - IRF5NJ6215

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5NJ6215 IRF-IRF5NJ6215 Datasheet
118Kb / 7P
   Avalanche Energy Ratings
IRF5NJ6215 IRF-IRF5NJ6215_15 Datasheet
118Kb / 7P
   Avalanche Energy Ratings
More results

Similar Description - IRF5NJ6215

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5Y6215CM IRF-IRF5Y6215CM Datasheet
103Kb / 7P
   POWER MOSFET P-CHANNEL(Vdss=-150V, Rds(on)=0.29ohm, Id=-11A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRFRU9024N IRF-IRFRU9024N Datasheet
117Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
IRFP340 IRF-IRFP340 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=11A)
IRFPC50LC IRF-IRFPC50LC Datasheet
333Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRF9Z24S IRF-IRF9Z24S Datasheet
311Kb / 10P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-11A)
IRF9130 IRF-IRF9130 Datasheet
149Kb / 7P
   TRANSISTORS P-CHANNEL(Vdss=-100V, Rds(on)=0.30ohm, Id=-11A)
IRF9240 IRF-IRF9240 Datasheet
147Kb / 7P
   TRANSISTORS P-CHANNEL(Vdss=-200V, Rds(on)=0.5ohm, Id=-11A)
448IRF IRF-448IRF Datasheet
168Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com