Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRF949 Datasheet(PDF) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # PRF949
Description  UHF wideband transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

PRF949 Datasheet(HTML) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button PRF949_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF949_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF949_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF949_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF949_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF949_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF949_15 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF949_15 Datasheet HTML 13Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF949_15 Datasheet HTML 14Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2000 Apr 03
10
Philips Semiconductors
Product specification
UHF wideband transistor
PRF949
handbook, full pagewidth
MGS510
0.5
0.4
0.3
0.2
0.1
180
°
−135
°
−90
°
−45
°
0
°
45
°
90
°
135
°
100 MHz
200 MHz
500 MHz
1 GHz
2 GHz
3 GHz
Fig.16 Common emitter reverse transmission coefficient (s12); typical values.
VCE = 6 V; IC =15mA.
handbook, full pagewidth
MGS511
0
0.2
0.6
0.4
0.8
1.0
1.0
+5
+2
+1
+0.5
+0.2
0
−0.2
−0.5
−1
−2
−5
0.2
0.5
1
2
5
180
°
−135
°
−90
°
−45
°
0
°
45
°
90
°
135
°
100 MHz
200 MHz
500 MHz
1 GHz
2 GHz
3 GHz
Fig.17 Common emitter output reflection coefficient (s22); typical values.
VCE = 6 V; IC = 15 mA; Zo =50 Ω.


Similar Part No. - PRF949_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRF949 PHILIPS-PRF949 Datasheet
81Kb / 7P
   UHF wideband transistor
1999 Oct 29
PRF949 NXP-PRF949 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Zhaoxingwei Electronics...
PRF949 ZHAOXINGWEI-PRF949 Datasheet
208Kb / 4P
   NPN Silicon RF Transistor
More results

Similar Description - PRF949_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRF957 PHILIPS-PRF957 Datasheet
109Kb / 16P
   UHF wideband transistor
1999 Jul 23
logo
Quanzhou Jinmei Electro...
PBR941B JMNIC-PBR941B_15 Datasheet
160Kb / 13P
   UHF wideband transistor
logo
NXP Semiconductors
PBR941 PHILIPS-PBR941_15 Datasheet
121Kb / 16P
   UHF wideband transistor
1998 Aug 10
PBR941 PHILIPS-PBR941 Datasheet
144Kb / 16P
   UHF wideband transistor
1998 Aug 10
PRF949 PHILIPS-PRF949 Datasheet
81Kb / 7P
   UHF wideband transistor
1999 Oct 29
logo
Quanzhou Jinmei Electro...
PBR941 JMNIC-PBR941_15 Datasheet
121Kb / 16P
   UHF wideband transistor
PBR951 JMNIC-PBR951_15 Datasheet
148Kb / 16P
   UHF wideband transistor
logo
NXP Semiconductors
PBR951-215 NXP-PBR951-215 Datasheet
121Kb / 16P
   UHF wideband transistor
1998 Aug 10
PBR941B_N PHILIPS-PBR941B_N_15 Datasheet
160Kb / 13P
   UHF wideband transistor
2001 Jan 18
PBR951 PHILIPS-PBR951 Datasheet
144Kb / 16P
   UHF wideband transistor
1998 Aug 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com