Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF5Y3205CM Datasheet(PDF) 5 Page - International Rectifier

Part # IRF5Y3205CM
Description  POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.022ohm, Id=18A*)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5Y3205CM Datasheet(HTML) 5 Page - International Rectifier

  IRF5Y3205CM Datasheet HTML 1Page - International Rectifier IRF5Y3205CM Datasheet HTML 2Page - International Rectifier IRF5Y3205CM Datasheet HTML 3Page - International Rectifier IRF5Y3205CM Datasheet HTML 4Page - International Rectifier IRF5Y3205CM Datasheet HTML 5Page - International Rectifier IRF5Y3205CM Datasheet HTML 6Page - International Rectifier IRF5Y3205CM Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
IRF5Y3205CM
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
VGS
25
50
75
100
125
150
0
10
20
30
40
50
60
T , Case Temperature ( C)
°
C

LIMITED BY PACKAGE
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1

Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C

P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50

SINGLE PULSE
(THERMAL RESPONSE)


Similar Part No. - IRF5Y3205CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5Y31N20 IRF-IRF5Y31N20 Datasheet
99Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=200V, Rds(on)=0.092ohm, Id=18A*)
IRF5Y31N20 IRF-IRF5Y31N20 Datasheet
101Kb / 7P
   Avalanche Energy Ratings
IRF5Y31N20 IRF-IRF5Y31N20_15 Datasheet
101Kb / 7P
   Avalanche Energy Ratings
IRF5Y3315CM IRF-IRF5Y3315CM Datasheet
106Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.085ohm, Id=18A*)
IRF5Y3315CM IRF-IRF5Y3315CM Datasheet
108Kb / 7P
   Avalanche Energy Ratings
More results

Similar Description - IRF5Y3205CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLZ44NS IRF-IRLZ44NS Datasheet
178Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.022ohm, Id=47A)
IRLZ44N IRF-IRLZ44N Datasheet
369Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.022ohm, Id=47A)
IRF5YZ48CM IRF-IRF5YZ48CM Datasheet
105Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.029ohm, Id=18A*)
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
IRF5Y5305CM IRF-IRF5Y5305CM Datasheet
108Kb / 7P
   POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.065ohm, Id=-18A*)
IRF5NJZ48 IRF-IRF5NJZ48 Datasheet
116Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.016ohm, Id=22A*)
IRF5N3205 IRF-IRF5N3205 Datasheet
118Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.008ohm, Id=55A*)
IRF5M3205 IRF-IRF5M3205 Datasheet
113Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.015ohm, Id=35A)
IRF5Y540CM IRF-IRF5Y540CM Datasheet
99Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.058ohm, Id=18A*)
IRF5Y31N20 IRF-IRF5Y31N20 Datasheet
99Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=200V, Rds(on)=0.092ohm, Id=18A*)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com