Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF630NS Datasheet(PDF) 3 Page - International Rectifier

Part # IRF630NS
Description  Power MOSFET(Vdss=200V, Rds(on)=0.30ohm, Id=9.3A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF630NS Datasheet(HTML) 3 Page - International Rectifier

  IRF630NS Datasheet HTML 1Page - International Rectifier IRF630NS Datasheet HTML 2Page - International Rectifier IRF630NS Datasheet HTML 3Page - International Rectifier IRF630NS Datasheet HTML 4Page - International Rectifier IRF630NS Datasheet HTML 5Page - International Rectifier IRF630NS Datasheet HTML 6Page - International Rectifier IRF630NS Datasheet HTML 7Page - International Rectifier IRF630NS Datasheet HTML 8Page - International Rectifier IRF630NS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRF630N/S/L
www.irf.com
3
0.01
0.1
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
0.1
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 175 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
4.0
5.0
6.0
7.0
8.0
9.0
10.0
V
= 50V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 175 C
J
°
-60 -40 -20
0
20 40 60 80 100 120 140 160 180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T , Junction Temperature( C)
J
°
V
=
I =
GS
D
10V
9.3A
Fig 4. Normalized On-Resistance
Vs. Temperature


Similar Part No. - IRF630NS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF630NS FAIRCHILD-IRF630NS Datasheet
209Kb / 11P
   N-Channel Power MOSFETs 200V, 9.3A, 0.30?
logo
International Rectifier
IRF630NS IRF-IRF630NS Datasheet
240Kb / 11P
   HEXFET Power MOSFET
logo
TRANSYS Electronics Lim...
IRF630NS TEL-IRF630NS Datasheet
173Kb / 2P
   Power MOSFET
logo
International Rectifier
IRF630NSPBF IRF-IRF630NSPBF Datasheet
292Kb / 11P
   HEXFET Power MOSFET
IRF630NSPBF IRF-IRF630NSPBF Datasheet
340Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRF630NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP350 IRF-IRFP350 Datasheet
161Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRFI9530G IRF-IRFI9530G Datasheet
174Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=0.30ohm, Id=-7.7A)
IRFB9N30A IRF-IRFB9N30A Datasheet
137Kb / 8P
   Power MOSFET(Vdss=300V, Rds(on)=0.45ohm, Id=9.3A)
IRFP350LC IRF-IRFP350LC Datasheet
333Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRLI620G IRF-IRLI620G Datasheet
339Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.0A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRFI9630G IRF-IRFI9630G Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A)
IRFI9640G IRF-IRFI9640G Datasheet
169Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-6.1A)
IRFL210 IRF-IRFL210 Datasheet
182Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.96A)
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com