Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF634NS Datasheet(PDF) 8 Page - International Rectifier

Part # IRF634NS
Description  Power MOSFET(Vdss=250V, Rds(on)=0.435ohm, Id=8.0A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF634NS Datasheet(HTML) 8 Page - International Rectifier

Back Button IRF634NS Datasheet HTML 3Page - International Rectifier IRF634NS Datasheet HTML 4Page - International Rectifier IRF634NS Datasheet HTML 5Page - International Rectifier IRF634NS Datasheet HTML 6Page - International Rectifier IRF634NS Datasheet HTML 7Page - International Rectifier IRF634NS Datasheet HTML 8Page - International Rectifier IRF634NS Datasheet HTML 9Page - International Rectifier IRF634NS Datasheet HTML 10Page - International Rectifier IRF634NS Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IRF634N/S/L
8
www.irf.com
L E AD AS S IG N M E NT S
1 - G A T E
2 - D R A IN
3 - S O U R C E
4 - D R A IN
- B -
1 .32 ( .05 2)
1 .22 ( .04 8)
3X
0.55 (.02 2 )
0.46 (.01 8 )
2 .92 ( .11 5)
2 .64 ( .10 4)
4.69 ( .1 85)
4.20 ( .1 65)
3X
0 .93 ( .03 7)
0 .69 ( .02 7)
4 .06 ( .16 0)
3 .55 ( .14 0)
1.15 ( .045)
M IN
6.47 (.255 )
6.10 (.240 )
3.7 8 (.14 9)
3.5 4 (.13 9)
- A -
10.54 ( .415)
10.29 ( .405)
2.87 ( .1 13)
2.62 ( .1 03)
15.24 ( .600 )
14.84 ( .584 )
1 4 .09 ( .5 55)
1 3 .47 ( .5 30)
3X
1.40 (.0 5 5 )
1.15 (.0 4 5 )
2.54 ( .100)
2X
0 .3 6 ( .0 1 4 )
M
B
A
M
4
1
2
3
NO T E S :
1 D IM E N S IO N IN G & T O L E R A N C IN G P E R A N S I Y 1 4 .5 M , 1 9 8 2 .
3 O U T L IN E C O N F O R M S T O J E D E C O U T L IN E T O -2 2 0 A B .
2 C O N T R O L L IN G D IM E N S IO N : IN C H
4 H E A T S IN K & L E A D M E A S U R E M E N T S D O N O T INCL UD E B URR S.
TO-220AB Part Marking Information
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
EXAMPLE: T HIS IS AN IRF1010
LOT CODE 1789
ASS EMBLED ON WW 19, 1997
IN T HE ASSEMBLY LINE "C"
INT ERNATIONAL
RECT IF IER
LOGO
ASS EMBLY
LOT CODE
PART NUMBER
DAT E CODE
YEAR 7 = 1997
WEEK 19
LINE C


Similar Part No. - IRF634NS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF634NS VISHAY-IRF634NS Datasheet
162Kb / 8P
   Power MOSFET
Rev. A, 19-Jun-08
logo
International Rectifier
IRF634NSPBF IRF-IRF634NSPBF Datasheet
222Kb / 11P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRF634NSPBF VISHAY-IRF634NSPBF Datasheet
162Kb / 8P
   Power MOSFET
Rev. A, 19-Jun-08
IRF634NSTRL VISHAY-IRF634NSTRL Datasheet
162Kb / 8P
   Power MOSFET
Rev. A, 19-Jun-08
IRF634NSTRLPBF VISHAY-IRF634NSTRLPBF Datasheet
162Kb / 8P
   Power MOSFET
Rev. A, 19-Jun-08
More results

Similar Description - IRF634NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF840 IRF-IRF840 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840S IRF-IRF840S Datasheet
172Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840LCS IRF-IRF840LCS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRC840 IRF-IRC840 Datasheet
220Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF634 IRF-IRF634 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
IRFI614G IRF-IRFI614G Datasheet
173Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.1A)
IRFR224 IRF-IRFR224 Datasheet
175Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFI9634G IRF-IRFI9634G Datasheet
120Kb / 8P
   Power MOSFET(Vdss=-250V, Rds(on)=1.0ohm, Id=-4.1A)
IRFP264N IRF-IRFP264N Datasheet
222Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com