Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7413A Datasheet(PDF) 9 Page - International Rectifier

Part # IRF7413A
Description  Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7413A Datasheet(HTML) 9 Page - International Rectifier

  IRF7413A Datasheet HTML 1Page - International Rectifier IRF7413A Datasheet HTML 2Page - International Rectifier IRF7413A Datasheet HTML 3Page - International Rectifier IRF7413A Datasheet HTML 4Page - International Rectifier IRF7413A Datasheet HTML 5Page - International Rectifier IRF7413A Datasheet HTML 6Page - International Rectifier IRF7413A Datasheet HTML 7Page - International Rectifier IRF7413A Datasheet HTML 8Page - International Rectifier IRF7413A Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRF7413A
SO8
Dimensions are shown in millimeters (inches)
4.10 (.161 )
3.90 (.154 )
1.60 ( .062)
1.50 ( .059)
1.85 ( .072)
1.65 ( .065)
5.30 (.208)
5.10 (.201)
5.55 ( .218)
5.45 ( .215)
2.60 ( .102)
1.50 ( .059)
6.50 (.255)
6.30 (.248)
8.10 (.318)
7.90 (.311)
F EE D DIRECT IO N
TERM INAT ION
NUMB ER
1
2.05 (.080)
1.95 (.077)
0.3 5 (.013)
0.2 5 (.010)
12.30 (.484)
11.70 (.461)
2.20 ( .086)
2.00 ( .079)
15.40 ( .607)
11.90 ( .469)
2
50.00
(1.969)
M IN.
18.40 (.724)
MAX
3
14.40 ( .566)
12.40 ( .448)
3
330.00
(13.000)
M AX.
13.2 0 (.519)
12.8 0 (.504)
NO T ES :
1
CO NF O RMS T O EIA- 481-1
2
INC LU DES F LANGE DIST ORT ION @ OUT E R E DGE
3
DIM ENS IO NS ME ASURE D @ HUB
4
CO NT RO LLING DIM ENSIO N : M ET RIC
1
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
8/97
Tape & Reel Information


Similar Part No. - IRF7413A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
   Power MOSFET(Vdss=30V, Id=12A)
logo
Guangdong Kexin Industr...
IRF7413 KEXIN-IRF7413 Datasheet
1Mb / 6P
   N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRF7413 UMW-IRF7413 Datasheet
422Kb / 8P
   Generation VTechnology
logo
International Rectifier
IRF7413GPBF IRF-IRF7413GPBF Datasheet
264Kb / 9P
   Ultra Low On-Resistance
IRF7413GTRPBF IRF-IRF7413GTRPBF Datasheet
264Kb / 9P
   Generation V Technology
More results

Similar Description - IRF7413A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7416 IRF-IRF7416 Datasheet
116Kb / 9P
   Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7603 IRF-IRF7603 Datasheet
113Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
SI4435DY IRF-SI4435DY Datasheet
82Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
IRF5800 IRF-IRF5800 Datasheet
98Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.085ohm)
IRF7606 IRF-IRF7606 Datasheet
102Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.09ohm)
IRF9410 IRF-IRF9410 Datasheet
114Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
IRF9956 IRF-IRF9956 Datasheet
107Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)=0.10ohm)
IRLML2803 IRF-IRLML2803 Datasheet
191Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.25ohm)
IRF7303 IRF-IRF7303 Datasheet
111Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.050ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com