Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7460 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7460
Description  Power MOSFET(Vdss=20V, Id=12A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7460 Datasheet(HTML) 1 Page - International Rectifier

  IRF7460 Datasheet HTML 1Page - International Rectifier IRF7460 Datasheet HTML 2Page - International Rectifier IRF7460 Datasheet HTML 3Page - International Rectifier IRF7460 Datasheet HTML 4Page - International Rectifier IRF7460 Datasheet HTML 5Page - International Rectifier IRF7460 Datasheet HTML 6Page - International Rectifier IRF7460 Datasheet HTML 7Page - International Rectifier IRF7460 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
3/25/01
IRF7460
SMPS MOSFET
HEXFET® Power MOSFET
Notes
 through … are on page 8
SO-8
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
…
–––
50
°C/W
Thermal Resistance
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-to-Source Voltage
± 20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
12
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
10
A
IDM
Pulsed Drain Current

100
PD @TA = 25°C
Maximum Power Dissipation
ƒ
2.5
W
PD @TA = 70°C
Maximum Power Dissipation
ƒ
1.6
W
Linear Derating Factor
0.02
mW/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
To p V ie w
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
VDSS
RDS(on) max(mΩ)
Ω)
Ω)
Ω)
Ω)
ID
20V
10@VGS = 10V
12A
PD - 93886D
Applications
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on)
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
l High Frequency Buck Converters for
Computer Processor Power


Similar Part No. - IRF7460

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7460 IRF-IRF7460 Datasheet
220Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRF7460PBF IRF-IRF7460PBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRF7460

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
   Power MOSFET(Vdss=30V, Id=12A)
IRF9Z24NS IRF-IRF9Z24NS Datasheet
168Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRFP9240 IRF-IRFP9240 Datasheet
166Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-12A)
IRF9Z24N IRF-IRF9Z24N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRL3102S IRF-IRL3102S Datasheet
90Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)
IRL3102 IRF-IRL3102 Datasheet
96Kb / 7P
   Power MOSFET(Vdss=20V, Rds(on)=0.013ohm, Id=61A)
IRF7204 IRF-IRF7204 Datasheet
145Kb / 9P
   Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A)
IRF1302S IRF-IRF1302S Datasheet
229Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A??
IRF1302 IRF-IRF1302 Datasheet
523Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=180A??
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com