Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART1500SLT Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SMART1500SLT
Description  SmartPro 100-110-120V 1.5kVA 900W Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART1500SLT Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMART1500SLT_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART1500SLT_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART1500SLT_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART1500SLT_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART1500SLT_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartPro 100/110/120V 1.5kVA 900W
Line-Interactive Sine Wave UPS, Tower, SNMP,
Webcard, USB, DB9 Serial
MODEL NUMBER: SMART1500SLT
Description
1500VA line-interactive tower UPS system for server, networking and telecommunications equipment. Upright tower form factor. Offers sine wave 100V, 110V
or 120V nominal output in both AC and battery modes. Switches to battery-derived AC output during power failures and extreme voltage variations.
Line-interactive automatic voltage regulation (AVR) provides voltage boost/cut during brownouts/overvoltages to maintain regulated 100V, 110V or 120V
nominal output over an input voltage range of 95-145V. Includes NEMA 5-15P input plug and 8 UPS-supported NEMA 5-15R output receptacles.
Network-grade AC surge and noise suppression. Network management interfaces support simultaneous communications via USB port, DB9 serial port and
SNMPWEBCARD slot. HID-compliant USB interface enables integration with built-in power management and auto shutdown features of Windows and Mac
OS X. Supports simultaneous detailed monitoring of equipment load levels, self-test data and utility power conditions via all 3 network interfaces. Includes
PowerAlert monitoring software and complete cabling. Three-stage metered current monitoring and battery charge status LEDs. Data line surge suppression
for dialup, DSL or network Ethernet connections. Utility power and voltage regulation LEDs. Audible alarm. Self-test. Field-replaceable, hot-swappable internal
batteries. Attractive all-black color scheme.
Features
SMART 1500SLT line-interactive UPS offers battery derived sine wave AC output during power outages, voltage regulation during brownouts and
overvoltages, plus network-grade AC surge suppression
1500VA/900 watt power handling capability with full-time sine wave output offers guaranteed compatibility with networking, telecom and other sensitive
electronic devices
Large internal batteries offer runtimes of 17 minutes at half load (750VA/450 watts) and 6 minutes at full load (1500VA/900 watts)
Automatic Voltage Regulation (AVR) circuits maintain user-selectable 100, 110, 120 or 127V nominal output over an input voltage range of 91 to 145V
Includes 8 fully-protected NEMA 5-15R output receptacles arranged in a single load bank that can be powered off and back on again via software
interface
PowerAlert UPS monitoring and unattended shutdown software enables configurable network broadcast messaging, pager & email notification, event
logging and running user-defined script commands
Offers simultaneous monitoring by up to 3 directly-connected devices through included USB, DB9 and SNMP* interfaces (*requires optional
SNMPWEBCARD), or the monitoring of any number of additional UPS systems over IP with included PowerAlert monitoring software.
Highlights
1.5kVA / 1500VA line interactive
tower UPS; Sine wave output
100/110/120V output, Corrects
brownouts and overvoltages
USB, RS232 and slot for optional
SNMP/Web card
Detailed status LEDs, Single line
TEL / DSL surge suppression
NEMA 5-15P input, 8 5-15R
outlets
Package Includes
SMART 1500SLT UPS System
PowerAlert Software CD-Rom
USB and serial cabling
1 / 5


Similar Part No. - SMART1500SLT_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART1500SLT ETC2-SMART1500SLT Datasheet
517Kb / 7P
   SmartPro 1.5kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial
More results

Similar Description - SMART1500SLT_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMX1500SLT TRIPPLITE-SMX1500SLT Datasheet
500Kb / 5P
   SmartPro 230V 1.5kVA 900W Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, Serial
SMC1500T TRIPPLITE-SMC1500T Datasheet
524Kb / 4P
   SmartPro 100-110-120V 1.5kVA 900W Line-Interactive Sine Wave UPS, Tower, USB, RS232
SMART750SLT TRIPPLITE-SMART750SLT Datasheet
507Kb / 5P
   SmartPro 100-110-120V 750VA 500W Line-Interactive Sine Wave UPS, SNMP, Webcard,Tower, USB, DB9 Serial
SMART1050SLT TRIPPLITE-SMART1050SLT_15 Datasheet
510Kb / 5P
   SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP, Webcard,Tower, USB, DB9 Serial
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
SMART3000SLT TRIPPLITE-SMART3000SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SMART1000RMXL2U TRIPPLITE-SMART1000RMXL2U Datasheet
510Kb / 5P
   SmartPro 120V 1kVA 900W Line Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART1050SLTAA TRIPPLITE-SMART1050SLTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP,Webcard, Tower, USB, DB9 Serial
SMART1500CRMXL TRIPPLITE-SMART1500CRMXL_15 Datasheet
490Kb / 5P
   SmartPro 120V 1.5kVA 1440W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMX1000RT2U TRIPPLITE-SMX1000RT2U Datasheet
505Kb / 5P
   SmartPro 230V 1000VA 900W Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack-Tower, USB,DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com