Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART1500XL Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # SMART1500XL
Description  SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Extended Run, Tower, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART1500XL Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SMART1500XL_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART1500XL_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART1500XL_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART1500XL_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART1500XL_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UPS Shipping Dimensions (hwd /
cm)
45.7 x 29.8 x 34.3
Shipping Weight (lbs.)
46.2
Shipping Weight (kg)
21
Cooling Method
Fan
UPS Housing Material
PVC
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
175.4
Battery Mode BTU / Hr. (Full Load)
454.4
AC Mode Efficiency Rating (100%
Load)
95%
COMMUNICATIONS
Communications Interface
USB; DB9 Serial
Network Monitoring Port Description
Supports detailed monitoring of UPS and site power conditions
PowerAlert Software
Included
Communications Cable
USB and DB9 cabling included
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer Time
2-4 milliseconds
Low Voltage Transfer to Battery
Power (Setpoint)
75
High Voltage Transfer to Battery
Power (Setpoint)
147
SPECIAL FEATURES
Cold Start (Startup in Battery Mode
During a Power Failure)
Cold-start operation supported
High Availability UPS Features
Hot swappable batteries
Green Energy-Saving Features
Greater than 95% efficiency - GREEN UPS; Individually controllable load banks
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category A (EMI)
4 / 5


Similar Part No. - SMART1500XL_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART1500XLTAA TRIPPLITE-SMART1500XLTAA Datasheet
503Kb / 5P
   TAA-Compliant SmartPro 120V 1.5kVA 980W Line-Interactive UPS, Extended Run, Tower, USB,DB9 Serial
More results

Similar Description - SMART1500XL_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART1500XLTAA TRIPPLITE-SMART1500XLTAA Datasheet
503Kb / 5P
   TAA-Compliant SmartPro 120V 1.5kVA 980W Line-Interactive UPS, Extended Run, Tower, USB,DB9 Serial
SMART1500 TRIPPLITE-SMART1500_15 Datasheet
510Kb / 5P
   SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART1500XL ETC2-SMART1500XL Datasheet
510Kb / 7P
   SmartPro 1.5kVA Line Interactive UPS Extended-run option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
SMART1500CRMXL TRIPPLITE-SMART1500CRMXL_15 Datasheet
490Kb / 5P
   SmartPro 120V 1.5kVA 1440W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART2200VSXL TRIPPLITE-SMART2200VSXL_15 Datasheet
511Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial, Gray
logo
List of Unclassifed Man...
SMART3000NET ETC2-SMART3000NET Datasheet
514Kb / 6P
   SmartPro 3kVA Line Interactive UPS, Extended-run option, Tower, Serial, 120V
SMART3000VS ETC2-SMART3000VS Datasheet
512Kb / 7P
   SmartPro 3kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMARTINT1500 TRIPPLITE-SMARTINT1500 Datasheet
494Kb / 5P
   SmartPro 230V 1.5kVA 940W Line-Interactive UPS,Tower, DB9 Serial
SMART3000VSTAA TRIPPLITE-SMART3000VSTAA Datasheet
530Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive UPS, Extended Run, SNMP,Webcard, Tower, 120V, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com