Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART2200CRMXL Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SMART2200CRMXL
Description  SmartPro 120V 2.2kVA 1.9kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 4U Rack Reduced Depth, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART2200CRMXL Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMART2200CRMXL Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART2200CRMXL Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART2200CRMXL Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART2200CRMXL Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART2200CRMXL Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartPro 120V 2.2kVA 1.9kW Line-Interactive Sine
Wave UPS, Extended Run, SNMP, Webcard, 4U
Rack Reduced Depth, USB, DB9 Serial
MODEL NUMBER: SMART2200CRMXL
Description
Tripp Lite's SmartPro Compact Rackmount Uninterruptible Power Supply (UPS) offers line interactive voltage
regulation, network grade surge suppression and long lasting battery support for critical network hardware during
blackouts and extended power failures. Special reduced-depth housing, larger internal batteries, higher rated
wattage and included 2 post rackmount installation hardware makes these systems ideal for network and
telecom wiring closets and other limited-space installations. 97% line power mode efficiency saves operating
costs over less efficient UPS types. Runtime is expandable with optional BP48V24-2U (limit 1), BP48V48RT4U
(multi-pack compatible) and BP48V27-2US (multi-pack compatible) reduced-depth external battery packs.
SMART2200CRMXL 4U rackmount 2200VA/1900 watt UPS offers battery-derived sine wave AC output during
power failures and extreme voltage variations. Line interactive Automatic Voltage Regulation (AVR) provides two
levels of voltage boost during brownouts and one level of voltage cut during overvoltage conditions to maintain
regulated 120V nominal output over an input range of 83-145V. Includes NEMA 5-20P input plug, NEMA 5-15R
and 5-15/20R output receptacles. Network management interfaces support simultaneous communications via
USB port, DB9 serial port and optional SNMP/Web management accessory card slot. Optional
SNMPWEBCARD offers remote management and control of the UPS via direct network connection. Additional
ENVIROSENSE accessory, when used in conjunction with SNMPWEBCARD reports temperature, humidity and
status of up to two directly connected contact closure sensors. HID-compliant USB interface enables full integration with built-in power management and auto
shutdown features of Windows and Mac OS X. Supports detailed monitoring of equipment load levels, self-test data and utility power conditions via all 3
network interfaces at once. Includes PowerAlert monitoring software with USB and serial cables. Emergency Power Off (EPO) interface. Integrated 3-bank
programmable PDU switching supports load shedding and remote-reboot of up to 3 individual connected devices. 3-stage metered current monitoring and
battery charge status LEDs. Utility power and voltage regulation LEDs. Audible alarm. Self-test. 2-post rackmount accessories included; 2-9USTAND tower
stands and UPSRMRII 4 post rackmount kit available. Field-replaceable, hot-swappable internal batteries and external battery packs. Attractive all-black color
scheme.
Features
Highlights
2.2kVA / 2200VA / 1900W line
interactive 4U rack/tower UPS,
Sine Wave
120V output, Corrects brownouts
and overvoltages from 83V to
145V
0.9 Power Factor, Front panel
status LEDs
Extended runtime options up to
1900W
2 post mounting accessories,
reduced depth housing
97% line-mode efficiency, 3
switched load banks
USB, RS232, EPO and slot for
SNMPWEBCARD option
120V NEMA 5-20P input, 4
NEMA 5-15R & 4 NEMA
5-15/20R outlets
Applications
Distributed Server Rooms
Network Closets
Small Business Networks
Voice over IP (VoIP) Phone
Systems
Package Includes
SmartPro Compact 4U
Rackmount UPS system
2 post rackmount installation
brackets
USB and Serial Cabling
Owner's manual
1 / 5


Similar Part No. - SMART2200CRMXL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART2200NET ETC2-SMART2200NET Datasheet
512Kb / 6P
   SmartPro 2.2kVA Line Interactive UPS, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART2200NET TRIPPLITE-SMART2200NET_15 Datasheet
507Kb / 4P
   SmartPro 120V 2.2kVA 1.7kW Line-Interactive UPS,Tower, 3-DB9 Serial ports
logo
List of Unclassifed Man...
SMART2200RM2U ETC2-SMART2200RM2U Datasheet
507Kb / 6P
   SmartPro 2.2kVA 1920W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
logo
Tripp Lite. All Rights ...
SMART2200RM2UL TRIPPLITE-SMART2200RM2UL Datasheet
169Kb / 6P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Lithium Iron Phosphate (LiFePO4) Batteries, 2U, LCD, USB, DB9
SMART2200RM2UN TRIPPLITE-SMART2200RM2UN Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, SNMP, Webcard pre-installed, 2U Rack/Tower, LCD, USB, DB9 Serial
More results

Similar Description - SMART2200CRMXL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART3000CRMXL TRIPPLITE-SMART3000CRMXL Datasheet
510Kb / 5P
   SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 4U Rack Reduced Depth, USB, DB9 Serial
SMART2200RMXL2UP TRIPPLITE-SMART2200RMXL2UP Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200RMXL2U TRIPPLITE-SMART2200RMXL2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
SMART2200VSXL TRIPPLITE-SMART2200VSXL_15 Datasheet
511Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial, Gray
SMART2600RM2U TRIPPLITE-SMART2600RM2U_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.6kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
SM2200RMXL2UTAA TRIPPLITE-SM2200RMXL2UTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1920W Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200RMXLN TRIPPLITE-SMART2200RMXLN Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART1000RMXL2U TRIPPLITE-SMART1000RMXL2U Datasheet
510Kb / 5P
   SmartPro 120V 1kVA 900W Line Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMX2200XLRT2U TRIPPLITE-SMX2200XLRT2U Datasheet
504Kb / 5P
   SmartPro 230V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com