Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG4153 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCG4153
Description  N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCG4153 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCG4153_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCG4153_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCG4153_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SCG4153_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Elektronische Bauelemente
SCG4153
0.8A , 20V , RDS(ON) 310 mΩ
N-Channel Enhancement Mode MOSFET
12-Mar-2013 Rev. A
Page 1 of 4
N3
= Date Code
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize a high
cell density trench process to provide low RDS(on) and to
ensure minimal power loss and heat dissipation.
MECHANICAL DATA
Trench Technology
Supper high density cell design
Excellent ON resistance
Extremely Low Threshold Voltage
APPLICATION
DC-DC converter circuit
Load Switch
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-523
3K
7 inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Rating
Parameter
Symbol
10S
Steady State
Unit
Drain – Source Voltage
VDS
20
V
Gate – Source Voltage
VGS
±6
V
TA= 25°C
0.88
0.8
Continuous Drain Current
1
TA= 70°C
ID
0.71
0.64
A
TA= 25°C
0.37
0.3
Power Dissipation
1
TA= 70°C
PD
0.23
0.19
W
TA= 25°C
0.76
0.69
Continuous Drain Current
2
TA= 70°C
ID
0.6
0.55
A
TA= 25°C
0.27
0.22
Power Dissipation
2
TA= 70°C
PD
0.17
0.14
W
Pulsed Drain Current
3
IDM
1.4
A
Lead Temperature
TL
260
°C
Operating Junction & Storage Temperature Range
TJ, TSTG
150, -55~150
°C
SOT-523
Top View
A
L
M
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.5
1.7
G
-
0.1
B
1.45
1.75
H
0.55 REF.
C
0.7
0.9
J
0.1
0.2
D
0.7
0.9
K
-
E
0.9
1.1
L
0.5 TYP.
F
0.15
0.35
M
0.25
0.325
Top View


Similar Part No. - SCG4153_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCG4153S SECOS-SCG4153S Datasheet
456Kb / 3P
   0.915 A, 20 V, RDS(on) 570 m(ohm) N Channel Enhancement MOSFET
More results

Similar Description - SCG4153_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com