Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7471 Datasheet(PDF) 8 Page - International Rectifier

Part # IRF7471
Description  Power MOSFET(Vdss=40V, Rds(on)max=13mohm, Id=10A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7471 Datasheet(HTML) 8 Page - International Rectifier

  IRF7471 Datasheet HTML 1Page - International Rectifier IRF7471 Datasheet HTML 2Page - International Rectifier IRF7471 Datasheet HTML 3Page - International Rectifier IRF7471 Datasheet HTML 4Page - International Rectifier IRF7471 Datasheet HTML 5Page - International Rectifier IRF7471 Datasheet HTML 6Page - International Rectifier IRF7471 Datasheet HTML 7Page - International Rectifier IRF7471 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRF7471
8
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Starting T
J = 25°C, L = 9.4mH
RG = 25Ω, IAS = 8.0A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ When mounted on 1 inch square copper board.
33 0.00
(12.992)
MAX .
14.4 0 ( .566 )
12.4 0 ( .488 )
N O T ES :
1 . CO NT RO LL ING DIM ENSIO N : M ILLIME TER.
2 . O U TLIN E C O NF O RM S T O E IA-48 1 & E IA -54 1.
F EED DIRE CTIO N
TERM IN AL NUM B ER 1
1 2.3 ( .484 )
1 1.7 ( .461 )
8.1 ( .318 )
7.9 ( .312 )
NO T E S:
1 . CO NT RO L L ING DIM E NSIO N : M IL L IM E T E R .
2 . AL L DIM E NS IO N S ARE SHO W N IN M ILL IM E TER S (IN C H E S ).
3. O U TL IN E C O N FO R M S TO E IA -481 & E IA -541.
SO-8 Tape and Reel
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 3/01


Similar Part No. - IRF7471

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7471PBF IRF-IRF7471PBF Datasheet
124Kb / 8P
   HEXFET짰Power MOSFET
logo
VBsemi Electronics Co.,...
IRF7471TRPBF VBSEMI-IRF7471TRPBF Datasheet
1Mb / 9P
   N-Channel 40-V (D-S) MOSFET
More results

Similar Description - IRF7471

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7470 IRF-IRF7470 Datasheet
119Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)max=13mohm, Id=10A)
IRFR3707 IRF-IRFR3707 Datasheet
136Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)max=13mohm, Id=61A??
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
   Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRF1404S IRF-IRF1404S Datasheet
306Kb / 10P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRFBA1404P IRF-IRFBA1404P Datasheet
115Kb / 9P
   Power MOSFET(Vdss=40V, Rds(on)=3.7mohm, Id=206A)
IRC740 IRF-IRC740 Datasheet
221Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A)
IRLRU120N IRF-IRLRU120N Datasheet
173Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.185ohm, Id=10A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com