Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCK240N Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCK240N
Description  Low VF Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCK240N Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCK240N_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCK240N_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SCK240N
40 V, 1.5A
Low VF Schottky Barrier Rectifiers
23-Oct-2013 Rev. A
Page 2 of 2
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - SCK240N_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCK240N SECOS-SCK240N Datasheet
277Kb / 2P
   Low VF Schottky Barrier Rectifiers
More results

Similar Description - SCK240N_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCK240N SECOS-SCK240N Datasheet
277Kb / 2P
   Low VF Schottky Barrier Rectifiers
logo
Jinan Jing Heng Electro...
SR860L JINGHENG-SR860L Datasheet
66Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
SR1060LCT JINGHENG-SR1060LCT Datasheet
117Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
SS24LT JINGHENG-SS24LT Datasheet
60Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB3100L PANJIT-SB3100L Datasheet
399Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Semiconduct...
SBL1030 SIRECTIFIER-SBL1030 Datasheet
82Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL1050CT SIRECTIFIER-SBL1050CT Datasheet
102Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL1630PT SIRECTIFIER-SBL1630PT Datasheet
125Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL1650PT SIRECTIFIER-SBL1650PT Datasheet
125Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL3030CT SIRECTIFIER-SBL3030CT Datasheet
100Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL3050PT SIRECTIFIER-SBL3050PT Datasheet
124Kb / 2P
   Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com