Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART3000CRMXL Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # SMART3000CRMXL
Description  SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 4U Rack Reduced Depth, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART3000CRMXL Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SMART3000CRMXL Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART3000CRMXL Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART3000CRMXL Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART3000CRMXL Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART3000CRMXL Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UPS AC Suppression Joule Rating
570 joules
EMI / RFI AC Noise Suppression
Yes
AC Suppression Response Time
Instantaneous
PHYSICAL
Included Mounting Accessory
Description
2 post rackmount installation hardware included
Installation Form Factors Supported
with Optional Accessories
4 post rackmount (4POSTRAILKIT); Tower (2-9USTAND)
Primary Form Factor
Rackmount
UPS Power Module Dimensions
(hwd, in.)
7 x 17.3 x 16.8
UPS Power Module Dimensions
(hwd, cm)
17.8 x 43.9 x 42.7
Rack Height (U Spaces)
4
UPS Power Module Weight (lbs.)
102
UPS Power Module Weight (kg)
46.3
UPS Shipping Dimensions (hwd / in.)
13.2 x 23.6 x 22.8
UPS Shipping Dimensions (hwd /
cm)
33.5 x 59.9 x 57.9
Shipping Weight (lbs.)
124
Shipping Weight (kg)
56.3
Cooling Method
Fan
UPS Housing Material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0-95%, non-condensing
AC Mode BTU / Hr. (Full Load)
408
Battery Mode BTU / Hr. (Full Load)
2149.5
COMMUNICATIONS
Communications Interface
USB (HID enabled); DB9 Serial; EPO (emergency power off); Slot for SNMP/Web interface
WatchDog Compatibility
Yes, compatible with Tripp Lite's Watchdog system service to restore operation to locked equipment through soft
reboot of application / OS or hard power off/on reboot of connected equipment ideal for unattended kiosk
applications
EPO Port
Includes RJ11 EPO (emergency power off) port and interconnection cable
SNMP Compatibility
Yes, includes slot for optional SNMPWEBCARD accessory (#SNMPWEBCARD)
4 / 5


Similar Part No. - SMART3000CRMXL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART3000NET ETC2-SMART3000NET Datasheet
514Kb / 6P
   SmartPro 3kVA Line Interactive UPS, Extended-run option, Tower, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART3000NET TRIPPLITE-SMART3000NET_15 Datasheet
508Kb / 4P
   SmartPro 120V 3kVA 2.4kW Line-Interactive UPS,Extended Run, Tower, 3-DB9 ports
logo
List of Unclassifed Man...
SMART3000RM2U ETC2-SMART3000RM2U Datasheet
513Kb / 7P
   SmartPro 3kVA 2250W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
logo
Tripp Lite. All Rights ...
SMART3000RM2UL TRIPPLITE-SMART3000RM2UL Datasheet
172Kb / 5P
   SmartPro UPS, Lithium Battery Backup - 120V 3kVA Line Interactive, 2U, Sine Wave, LCD
SMART3000RM2UN TRIPPLITE-SMART3000RM2UN Datasheet
508Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line Interactive Sine Wave UPS, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
More results

Similar Description - SMART3000CRMXL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART2200CRMXL TRIPPLITE-SMART2200CRMXL Datasheet
510Kb / 5P
   SmartPro 120V 2.2kVA 1.9kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 4U Rack Reduced Depth, USB, DB9 Serial
SMART3000RMXL2U TRIPPLITE-SMART3000RMXL2U Datasheet
508Kb / 5P
   SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART3000RMOD2U TRIPPLITE-SMART3000RMOD2U Datasheet
498Kb / 5P
   SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Hot-Swap, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
SM3000RMXL2UTAA TRIPPLITE-SM3000RMXL2UTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U, LCD, USB, DB9 Serial
SMART3000RM2U TRIPPLITE-SMART3000RM2U_15 Datasheet
508Kb / 5P
   -SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack/Tower, USB, DB9 Serial
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
SMX3000XLRT2U TRIPPLITE-SMX3000XLRT2U Datasheet
488Kb / 5P
   SmartPro 230V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART3000SLT TRIPPLITE-SMART3000SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SMART2600RM2U TRIPPLITE-SMART2600RM2U_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.6kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
SMART1000RMXL2U TRIPPLITE-SMART1000RMXL2U Datasheet
510Kb / 5P
   SmartPro 120V 1kVA 900W Line Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com