Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7504 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7504
Description  Power MOSFET(Vdss=-20V, Rds(on)=0.27ohm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7504 Datasheet(HTML) 1 Page - International Rectifier

  IRF7504 Datasheet HTML 1Page - International Rectifier IRF7504 Datasheet HTML 2Page - International Rectifier IRF7504 Datasheet HTML 3Page - International Rectifier IRF7504 Datasheet HTML 4Page - International Rectifier IRF7504 Datasheet HTML 5Page - International Rectifier IRF7504 Datasheet HTML 6Page - International Rectifier IRF7504 Datasheet HTML 7Page - International Rectifier IRF7504 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PD - 9.1267G
HEXFET® Power MOSFET
VDSS = -20V
RDS(on) = 0.27Ω
Fifth
Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The new Micro8 package, with half the footprint area of the
standard SO-8, provides the smallest footprint available in
an SOIC outline. This makes the Micro8 an ideal device for
applications where printed circuit board space is at a
premium. The low profile (<1.1mm) of the Micro8 will allow
it to fit easily into extremely thin application environments
such as portable electronics and PCMCIA cards.
Micro8
l Generation V Technology
l Ultra Low On-Resistance
l Dual P-Channel MOSFET
l Very Small SOIC Package
l Low Profile (<1.1mm)
l Available in Tape & Reel
l Fast Switching
IRF7504
D1
D1
D2
D2
G1
S2
G2
S1
T o p V iew
8
1
2
3
4
5
6
7
8/25/97
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-1.7
ID @ TA = 70°C
Continuous Drain Current, VGS @ -4.5V
-1.4
A
IDM
Pulsed Drain Current

-9.6
PD @TA = 25°C
Power Dissipation
1.25
W
Linear Derating Factor
10
mW/°C
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt
‚
-5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
Description
All Micro8 Data Sheets reflect improved Thermal Resistance, Power and Current -Handling Ratings- effective
only for product marked with Date Code 505 or later .
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
100
°C/W


Similar Part No. - IRF7504

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7504PBF IRF-IRF7504PBF Datasheet
1Mb / 8P
   HEXFET Power MOSFET
IRF7504PBF IRF-IRF7504PBF Datasheet
1Mb / 8P
   ULTRA LOW ON RESISTANCE
IRF7504PBF IRF-IRF7504PBF_15 Datasheet
1Mb / 8P
   ULTRA LOW ON RESISTANCE
IRF7504TRPBF IRF-IRF7504TRPBF Datasheet
1Mb / 8P
   Generation V Technology
More results

Similar Description - IRF7504

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7506 IRF-IRF7506 Datasheet
103Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.27ohm)
IRFP460LC IRF-IRFP460LC Datasheet
338Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460P IRF-IRFP460P Datasheet
174Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFD120 IRF-IRFD120 Datasheet
176Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.27ohm, Id=1.3A)
IRFP460 IRF-IRFP460 Datasheet
163Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRF7524D1 IRF-IRF7524D1 Datasheet
151Kb / 8P
   FETKY??MOSFET & Schottky Diode(Vdss=-20V, Rds(on)=0.27ohm, Schottky Vf=0.39V)
IRF7530 IRF-IRF7530 Datasheet
83Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
IRF7555 IRF-IRF7555 Datasheet
71Kb / 7P
   Power MOSFET(Vdss=-20V, Rds(on)=0.055ohm)
IRF7604 IRF-IRF7604 Datasheet
134Kb / 8P
   Power MOSFET(Vdss=-20V, Rds(on)=0.09ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com