Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART3000RMOD2U Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # SMART3000RMOD2U
Description  SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Hot-Swap, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART3000RMOD2U Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SMART3000RMOD2U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART3000RMOD2U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART3000RMOD2U Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART3000RMOD2U Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART3000RMOD2U Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
USER INTERFACE, ALERTS & CONTROLS
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
Alarm Cancel Operation
Power-fail alarm can be silenced by pressing the on/test/mute switch
Audible Alarm
Audible alarm indicates on battery, low battery and overload warnings
LED Indicators
14 LEDs indicate line power, power fail, avr, fault, overload, replace battery and site wiring fault conditions; includes
5 LED load and battery charge meter
Site Wiring Fault Indication
Includes site wiring fault LED
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
800 joules
EMI / RFI AC Noise Suppression
AC Suppression Joule Rating
800
AC Suppression Response Time
Instantaneous
PHYSICAL
Included Mounting Accessory
Description
4 post rackmount installation accessories included
Installation Form Factors Supported
with Optional Accessories
Rack con 2 postes (2POSTRMKITWM); Soporte de pared (2POSTRMKITWM); Torre (2-9USTAND)
Primary Form Factor
Rack
UPS Power Module Dimensions
(hwd, in.)
3.5 x 17.5 x 24
UPS Power Module Dimensions
(hwd, cm)
8.9 x 44.4 x 61
Rack Height (U Spaces)
2
UPS Power Module Weight (lbs.)
87
UPS Power Module Weight (kg)
39.5
UPS Shipping Dimensions (hwd / in.)
9.2 x 23.8 x 39.8
UPS Shipping Dimensions (hwd /
cm)
23.4 x 60.5 x 101.1
Shipping Weight (lbs.)
103.9
Shipping Weight (kg)
47.2
Cooling Method
Fan
UPS Housing Material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
4 / 5


Similar Part No. - SMART3000RMOD2U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART3000RM2U ETC2-SMART3000RM2U Datasheet
513Kb / 7P
   SmartPro 3kVA 2250W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
logo
Tripp Lite. All Rights ...
SMART3000RM2UL TRIPPLITE-SMART3000RM2UL Datasheet
172Kb / 5P
   SmartPro UPS, Lithium Battery Backup - 120V 3kVA Line Interactive, 2U, Sine Wave, LCD
SMART3000RM2UN TRIPPLITE-SMART3000RM2UN Datasheet
508Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line Interactive Sine Wave UPS, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART3000RM2U TRIPPLITE-SMART3000RM2U_15 Datasheet
508Kb / 5P
   -SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack/Tower, USB, DB9 Serial
SMART3000RMXL2U TRIPPLITE-SMART3000RMXL2U Datasheet
508Kb / 5P
   SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results

Similar Description - SMART3000RMOD2U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART3000RMXL2U TRIPPLITE-SMART3000RMXL2U Datasheet
508Kb / 5P
   SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART3000RM2U TRIPPLITE-SMART3000RM2U_15 Datasheet
508Kb / 5P
   -SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack/Tower, USB, DB9 Serial
SM3000RMXL2UTAA TRIPPLITE-SM3000RMXL2UTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U, LCD, USB, DB9 Serial
SMX3000XLRT2U TRIPPLITE-SMX3000XLRT2U Datasheet
488Kb / 5P
   SmartPro 230V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART3000CRMXL TRIPPLITE-SMART3000CRMXL Datasheet
510Kb / 5P
   SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 4U Rack Reduced Depth, USB, DB9 Serial
SMART2600RM2U TRIPPLITE-SMART2600RM2U_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.6kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
SMART1000RMXL2U TRIPPLITE-SMART1000RMXL2U Datasheet
510Kb / 5P
   SmartPro 120V 1kVA 900W Line Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART1500CRMXL TRIPPLITE-SMART1500CRMXL_15 Datasheet
490Kb / 5P
   SmartPro 120V 1.5kVA 1440W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMX3000XLRT2UA TRIPPLITE-SMX3000XLRT2UA Datasheet
507Kb / 5P
   SmartPro 230V 3kVA 2.7kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SM3000RM2UTAA TRIPPLITE-SM3000RM2UTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com