Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART5000RT3U Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SMART5000RT3U
Description  SmartPro 208-120V 5kVA 4kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 6U Rack-Tower, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART5000RT3U Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMART5000RT3U_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART5000RT3U_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART5000RT3U_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART5000RT3U_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART5000RT3U_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartPro 208/120V 5kVA 4kW Line-Interactive Sine
Wave UPS, Extended Run, SNMP, Webcard, 6U
Rack/Tower, USB, DB9 Serial
MODEL NUMBER: SMART5000RT3U
Description
Tripp Lite's line-interactive SMART5000RT3U UPS System protects server, networking or telecommunications
equipment from blackouts, voltage fluctuations and surges in a compact tower/rackmount housing. In rack
configuration, the power module and battery pack occupy only 3 rack spaces (3U) each. Large capacity
5000VA/4000W power module converts raw 208V AC input to fully regulated dual output 208/120 voltage for simultaneous protection of both high- and
low-voltage equipment loads. True sine wave output at all times offers guaranteed compatibility with all equipment types. Includes 14 outlets, 8 of which can
be individually reset via software interface to selectively reboot remote equipment or shed less critical loads to extend battery runtime for more critical
equipment. Battery support can be extended indefinitely with additional external 3U rackmount battery packs. Includes slot for internal SNMP/web card, plus
two DB9 and two USB enhanced monitoring ports for unattended shutdown, remote control and monitoring of UPS system and power data.
Features
Large 5000VA/4000W output capacity with full-time sine wave output offers guaranteed compatibility with all equipment types
High power density 5kVA power module and battery pack occupy only 3 rack spaces (3U) each (UPS and battery pack require 6U total installed)
38 min. half load runtime, expandable with multiple external battery packs BP48V24-2U (limit 1), BP48V60RT-3U (multi-pack compatible) and
BP48V27-2US (multi-pack compatible)
Line-interactive voltage regulation corrects severe brownouts and overvoltages without using battery power
Dual voltage output is simultaneously compatible with both 208V and 120V equipment
14 total outlets (120V: 10 x 5-15R, 2 x 5-20R/208V: 1 x L6-30R, 1 x L14-30R)
Diagnostic LEDs provide visual indication of 17 separate performance conditions
Included PowerAlert Software provides e-mail notification of power problems and simultaneous automatic unattended shutdown of multiple servers
4 built-in communications ports (2 x DB9, 2 x USB) for remote monitoring and unattended shutdown
Slot for SNMP/web card (part# SNMPWEBCARD) and environmental sensor (part# ENVIROSENSE) for remote communications in large IP environments
8 customized load management receptacles can be individually powered off and back on again via software interface to reboot remote equipment or
perform "load shedding" of less critical loads to extend battery runtime for the most critical equipment
Emergency Power Off (EPO) interface for emergency shutoff in large facilities
Highlights
5kVA / 5000VA / 4000W line
interactive 6U rack/tower UPS;
Sine wave output
208 & 120V output during
brownouts to 151V and
overvoltages to 260V
USB, Serial, EPO & optional
SNMP/Web card monitoring
options
Expandable runtime; 8
single-outlet switched output load
banks
NEMA L6-30P input; 10 5-15R, 2
5-15/20R, 1 L6-30R & 1 L14-30R
outlets
Package Includes
SMART5000RT3U UPS System
BP48V60RT3U battery pack
PowerAlert Software and cabling
Mounting hardware
Instruction manual
1 / 5


Similar Part No. - SMART5000RT3U_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART5000RT3U ETC2-SMART5000RT3U Datasheet
523Kb / 7P
   SmartPro 5kVA Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
More results

Similar Description - SMART5000RT3U_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SM5000RT3UTAA TRIPPLITE-SM5000RT3UTAA Datasheet
516Kb / 5P
   TAA-Compliant SmartPro 208-120V 5kVA 4kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 6U Rack-Tower, USB, DB9 Serial
SMART5000XFMRXL TRIPPLITE-SMART5000XFMRXL Datasheet
520Kb / 5P
   SmartPro 208-120V 5kVA 3.75kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 3U Rack/Tower, USB, DB9 Serial
SMART5000TEL3U TRIPPLITE-SMART5000TEL3U_15 Datasheet
517Kb / 5P
   SmartPro 208-120V 5kVA 3.75kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 3U Rack-Tower,USB, DB9 Serial
SMX5000XLRT3U TRIPPLITE-SMX5000XLRT3U Datasheet
508Kb / 5P
   SmartPro 230V 5kVA 3.75kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 3U Rack-Tower, USB, DB9 Serial
SMART2600RM2U TRIPPLITE-SMART2600RM2U_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.6kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
SMART1000RMXL2U TRIPPLITE-SMART1000RMXL2U Datasheet
510Kb / 5P
   SmartPro 120V 1kVA 900W Line Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART1500CRMXL TRIPPLITE-SMART1500CRMXL_15 Datasheet
490Kb / 5P
   SmartPro 120V 1.5kVA 1440W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART2200RMXL2UP TRIPPLITE-SMART2200RMXL2UP Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART750XLA TRIPPLITE-SMART750XLA Datasheet
510Kb / 4P
   SmartPro 100-120V 750VA 500W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard,Tower, USB, DB9 Serial
SMART2200RMXL2U TRIPPLITE-SMART2200RMXL2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com