Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

856704-EVB Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part No. 856704-EVB
Description  836.5 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856704-EVB Datasheet(HTML) 5 Page - TriQuint Semiconductor

  856704-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
856704
836.5 MHz SAW Filter
Data Sheet: Rev E 3/01/12
- 5 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Mechanical Information
Package Information, Dimensions and Marking
0.69
1.22 NOM.
1.32 MAX.
0.75
0.60
1.50
0.75
3.00
3.00
DK
code
Marking
Date code
JJJYM
logo
ID dot
TriQuint
Package Style: SMP-12A
Dimensions: 3.00 x 3.00 x 1.22 mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0μm, over a 2-6μm Ni
plating
All dimensions shown are nominal in millimeters
All tolerances are ±0.15mm except overall length and width
±0.10mm
The date code consists of: day of the current year (Julian,
3 digits), Y = last digit of the year, and M = manufacturing
site code
Tape and Reel Information
Standard T/R size = 5000 units/reel. All dimensions are in millimeters
3.25
Section A-A
1.75
Ø1.5
4.0
A
12.0
5.5
Ø1.5
4.0
2.0
3.25
1.4
0.21
A
Ø102
Ø20.2
Ø13.0
2.0
Direction of travel
Ø330
12.8
2.7
logo
ID dot
TriQuint


Similar Part No. - 856704-EVB

ManufacturerPart No.DatasheetDescription
TriQuint Semiconductor
TriQuint Semiconductor
856700 TRIQUINT-856700_15 Datasheet
416Kb / 5P
   1227.6 MHz SAW Filter
856705 TRIQUINT-856705 Datasheet
327Kb / 6P
   1880 MHz SAW Filter
856705-EVB TRIQUINT-856705-EVB Datasheet
327Kb / 6P
   1880 MHz SAW Filter
856705 TRIQUINT-856705_15 Datasheet
327Kb / 6P
   1880 MHz SAW Filter
More results

Similar Description - 856704-EVB

ManufacturerPart No.DatasheetDescription
TriQuint Semiconductor
TriQuint Semiconductor
855729 TRIQUINT-855729 Datasheet
394Kb / 5P
   836.5 MHz SAW Filter
TAI-SAW TECHNOLOGY CO., LTD.
TAI-SAW TECHNOLOGY CO.,...
TA1652A TAI-SAW-TA1652A Datasheet
152Kb / 6P
   SAW Filter 836.5 MHz
TriQuint Semiconductor
TriQuint Semiconductor
855821 TRIQUINT-855821 Datasheet
381Kb / 5P
   836.5 MHz SAW Filter
Integrated Technology Future
Integrated Technology F...
T83651B ITF-T83651B Datasheet
159Kb / 2P
   836.5 MHz SAW Filter
TriQuint Semiconductor
TriQuint Semiconductor
856243 TRIQUINT-856243 Datasheet
527Kb / 6P
   836.5 MHz SAW Filter
TAI-SAW TECHNOLOGY CO., LTD.
TAI-SAW TECHNOLOGY CO.,...
TA1415A TAI-SAW-TA1415A Datasheet
253Kb / 7P
   SAW Filter 836.5 MHz
TriQuint Semiconductor
TriQuint Semiconductor
855821 TRIQUINT-855821_15 Datasheet
558Kb / 5P
   836.5 MHz SAW Filter
TAI-SAW TECHNOLOGY CO., LTD.
TAI-SAW TECHNOLOGY CO.,...
TA1692C TAI-SAW-TA1692C Datasheet
505Kb / 9P
   SAW Filter 836.5 MHz
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
SF1182B MURATA-SF1182B Datasheet
120Kb / 3P
   836.5 MHz SAW Filter
TAI-SAW TECHNOLOGY CO., LTD.
TAI-SAW TECHNOLOGY CO.,...
TA0183B TAI-SAW-TA0183B Datasheet
1Mb / 7P
   SAW Filter 836.5 MHz
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com