Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

856704-EVB Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part No. 856704-EVB
Description  836.5 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856704-EVB Datasheet(HTML) 1 Page - TriQuint Semiconductor

  856704-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
856704
836.5 MHz SAW Filter
Data Sheet: Rev E 3/01/12
- 1 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications
General purpose wireless
Wireless infrastructure
3G, 4G, Multistandard
Repeaters
Product Features
Functional Block Diagram
Top view
Usable bandwidth 25 MHz
High attenuation
Low Loss
Excellent power handling
Single-ended operation
No matching required for operation at 50Ω
Small Size: 3.00 x 3.00 x 1.22 mm
Ceramic Surface Mount Package (SMP)
Hermetically Sealed
RoHS compliant, Pb-free
4
2
3
1
6
5
Input
Output
Gnd
Gnd
Gnd
Gnd
General Description
Pin Configuration
856704 is a general purpose Uplink filter for Band 5. This
filter was specifically designed in a 3x3mm hermetic
package for base station applications and is part of our wide
portfolio of RF filters in the same package.
Low insertion loss, coupled with high attenuation and
excellent power handling, makes this filter a natural choice
for our customers Uplink RF filtering needs.
Pin # SE
Description
2
Input
5
Output
1,3,4,6
Case Ground
Ordering Information
Part No.
Description
856704
packaged part
856704-EVB
evaluation board
Standard T/R size = 5000 units/reel.
Pb


Similar Part No. - 856704-EVB

ManufacturerPart No.DatasheetDescription
TriQuint Semiconductor
TriQuint Semiconductor
856700 TRIQUINT-856700_15 Datasheet
416Kb / 5P
   1227.6 MHz SAW Filter
856705 TRIQUINT-856705 Datasheet
327Kb / 6P
   1880 MHz SAW Filter
856705-EVB TRIQUINT-856705-EVB Datasheet
327Kb / 6P
   1880 MHz SAW Filter
856705 TRIQUINT-856705_15 Datasheet
327Kb / 6P
   1880 MHz SAW Filter
More results

Similar Description - 856704-EVB

ManufacturerPart No.DatasheetDescription
TriQuint Semiconductor
TriQuint Semiconductor
855729 TRIQUINT-855729 Datasheet
394Kb / 5P
   836.5 MHz SAW Filter
TAI-SAW TECHNOLOGY CO., LTD.
TAI-SAW TECHNOLOGY CO.,...
TA1652A TAI-SAW-TA1652A Datasheet
152Kb / 6P
   SAW Filter 836.5 MHz
TriQuint Semiconductor
TriQuint Semiconductor
855821 TRIQUINT-855821 Datasheet
381Kb / 5P
   836.5 MHz SAW Filter
Integrated Technology Future
Integrated Technology F...
T83651B ITF-T83651B Datasheet
159Kb / 2P
   836.5 MHz SAW Filter
TriQuint Semiconductor
TriQuint Semiconductor
856243 TRIQUINT-856243 Datasheet
527Kb / 6P
   836.5 MHz SAW Filter
TAI-SAW TECHNOLOGY CO., LTD.
TAI-SAW TECHNOLOGY CO.,...
TA1415A TAI-SAW-TA1415A Datasheet
253Kb / 7P
   SAW Filter 836.5 MHz
TriQuint Semiconductor
TriQuint Semiconductor
855821 TRIQUINT-855821_15 Datasheet
558Kb / 5P
   836.5 MHz SAW Filter
TAI-SAW TECHNOLOGY CO., LTD.
TAI-SAW TECHNOLOGY CO.,...
TA1692C TAI-SAW-TA1692C Datasheet
505Kb / 9P
   SAW Filter 836.5 MHz
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
SF1182B MURATA-SF1182B Datasheet
120Kb / 3P
   836.5 MHz SAW Filter
TAI-SAW TECHNOLOGY CO., LTD.
TAI-SAW TECHNOLOGY CO.,...
TA0183B TAI-SAW-TA0183B Datasheet
1Mb / 7P
   SAW Filter 836.5 MHz
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz