Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

856704-EVB Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856704-EVB
Description  836.5 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856704-EVB Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856704-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
856704
836.5 MHz SAW Filter
Data Sheet: Rev E 3/01/12
- 2 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Electrical Specifications
(1)
Specified Temperature Range:
(2) -30 to +85 ºC
Parameter
(3)
Conditions
Min
Typical
(4)
Max
Units
Center Frequency
-
836.5
-
MHz
Maximum Insertion Loss
824 – 849 MHz
-
1.2
2.0
dB
Amplitude Variation
(5)
824 – 849 MHz
-
0.3
1.5
dB p-p
Amplitude Ripple
(6)
824 – 849 MHz
-
0.18
0.8
dB p-p
Phase Ripple
824 – 849 MHz
-
9.7
30
deg p-p
Group Delay Ripple
824 – 849 MHz
-
13
30
ns p-p
Absolute Group Delay
824 – 849 MHz
-
21
75
ns
Stopband Attenuation
(7)
180 – 220 MHz
409 – 635 MHz
869 – 894 MHz
928 – 953 MHz
1136 – 1161 MHz
1240 – 1265 MHz
1440 – 1540 MHz
1540 – 1570 MHz
1570 – 1692 MHz
1853 – 2110 MHz
2111 – 2325 MHz
2885 – 3382 MHz
3917 – 4439 MHz
4949 – 5496 MHz
30
30
14
25
20
45
30
33
30
35
30
13
10
5
46
40
20
31
31
55
52
52
52
41
41
20
19
11
-
-
-
-
-
-
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
Input/output VSWR
824 – 849 MHz
-
1.68
2.0
-
Source Impedance
(8)
Single-ended
-
50
-
Load Impedance
(8)
Single-ended
-
50
-
Notes:
1.
All specifications are based on the TriQuint schematic for the main reference design shown on page 3
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
Typical values are based on average measurements at room temperature
5.
Describes the total variation over the defined frequency range
6.
This is defined as the worst difference between a peak and adjacent valley
7.
Relative to Passband Loss (not absolute value)
8.
This is the optimum impedance in order to achieve the performance shown
Absolute Maximum Ratings
Parameter
Rating
Operable Temperature
-40 to +85
oC
Storage Temperature
-40 to +85
oC
DC Voltage on any port (instantaneous only)
(7)
+5 V
Input Power
(9)
+22 dBm
9.
Input Power is targeted for an applied CW modulated RF in the 824-849 MHz band at 55 °C for a minimum of 125 hrs
Operation of this device outside the parameter ranges given above may cause permanent damage.


Similar Part No. - 856704-EVB

ManufacturerPart #DatasheetDescription
TriQuint Semiconductor
TriQuint Semiconductor
856700 TRIQUINT-856700_15 Datasheet
416Kb / 5P
   1227.6 MHz SAW Filter
856705 TRIQUINT-856705 Datasheet
327Kb / 6P
   1880 MHz SAW Filter
856705-EVB TRIQUINT-856705-EVB Datasheet
327Kb / 6P
   1880 MHz SAW Filter
856705 TRIQUINT-856705_15 Datasheet
327Kb / 6P
   1880 MHz SAW Filter
More results

Similar Description - 856704-EVB

ManufacturerPart #DatasheetDescription
TriQuint Semiconductor
TriQuint Semiconductor
855729 TRIQUINT-855729 Datasheet
394Kb / 5P
   836.5 MHz SAW Filter
TAI-SAW TECHNOLOGY CO., LTD.
TAI-SAW TECHNOLOGY CO.,...
TA1652A TAI-SAW-TA1652A Datasheet
152Kb / 6P
   SAW Filter 836.5 MHz
TriQuint Semiconductor
TriQuint Semiconductor
855821 TRIQUINT-855821 Datasheet
381Kb / 5P
   836.5 MHz SAW Filter
Integrated Technology Future
Integrated Technology F...
T83651B ITF-T83651B Datasheet
159Kb / 2P
   836.5 MHz SAW Filter
TriQuint Semiconductor
TriQuint Semiconductor
856243 TRIQUINT-856243 Datasheet
527Kb / 6P
   836.5 MHz SAW Filter
TAI-SAW TECHNOLOGY CO., LTD.
TAI-SAW TECHNOLOGY CO.,...
TA1415A TAI-SAW-TA1415A Datasheet
253Kb / 7P
   SAW Filter 836.5 MHz
TriQuint Semiconductor
TriQuint Semiconductor
855821 TRIQUINT-855821_15 Datasheet
558Kb / 5P
   836.5 MHz SAW Filter
TAI-SAW TECHNOLOGY CO., LTD.
TAI-SAW TECHNOLOGY CO.,...
TA1692C TAI-SAW-TA1692C Datasheet
505Kb / 9P
   SAW Filter 836.5 MHz
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
SF1182B MURATA-SF1182B Datasheet
120Kb / 3P
   836.5 MHz SAW Filter
TAI-SAW TECHNOLOGY CO., LTD.
TAI-SAW TECHNOLOGY CO.,...
TA0183B TAI-SAW-TA0183B Datasheet
1Mb / 7P
   SAW Filter 836.5 MHz
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com