Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7534D1 Datasheet(PDF) 8 Page - International Rectifier

Part # IRF7534D1
Description  FETKY MOSFET & Schottky Diode(Vdss=-20V, Rds(on)=0.055ohm, Schottky Vf=0.39V)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7534D1 Datasheet(HTML) 8 Page - International Rectifier

  IRF7534D1 Datasheet HTML 1Page - International Rectifier IRF7534D1 Datasheet HTML 2Page - International Rectifier IRF7534D1 Datasheet HTML 3Page - International Rectifier IRF7534D1 Datasheet HTML 4Page - International Rectifier IRF7534D1 Datasheet HTML 5Page - International Rectifier IRF7534D1 Datasheet HTML 6Page - International Rectifier IRF7534D1 Datasheet HTML 7Page - International Rectifier IRF7534D1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRF7534D1
8
www.irf.com
Tape & Reel Information
Micro8
Dimensions are shown in millimeters (inches)
330.00
(12.992)
MA X .
14 .4 0 ( .5 66 )
12 .4 0 ( .4 88 )
N O T ES :
1 . C O N T R O LL IN G DIME NS IO N : M IL L IM E T E R.
2 . O U T L IN E C O N F O R M S T O EIA-48 1 & EIA -54 1 .
F E E D D IRECT IO N
T ERMIN A L NU MB E R 1
12 .3 ( .4 8 4 )
11 .7 ( .4 6 1 )
8.1 ( .318 )
7.9 ( .312 )
NO T E S :
1. O U T L IN E C O N F O R M S T O E IA -4 81 & E IA -541.
2 . CO N T R O L L ING DIM E NS IO N : M ILLIM E T E R .
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252 7105
IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936
Data and specifications subject to change without notice.
2/2000


Similar Part No. - IRF7534D1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7534D1PBF IRF-IRF7534D1PBF Datasheet
385Kb / 8P
   MOSFET SCHOTTKY DIODE
More results

Similar Description - IRF7534D1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7521D1 IRF-IRF7521D1 Datasheet
177Kb / 8P
   FETKY??MOSFET / Schottky Diode(Vdss=20V, Rds(on)=0.135ohm, Schottky Vf=0.39V)
IRF7524D1 IRF-IRF7524D1 Datasheet
151Kb / 8P
   FETKY??MOSFET & Schottky Diode(Vdss=-20V, Rds(on)=0.27ohm, Schottky Vf=0.39V)
IRF7523D1 IRF-IRF7523D1 Datasheet
204Kb / 8P
   FETKY??MOSFET / Schottky Diode(Vdss=30V, Rds(on)=0.11ohm, Schottky Vf=0.39V)
IRF7526D1 IRF-IRF7526D1 Datasheet
120Kb / 8P
   FETKY??MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V)
IRF7322D1 IRF-IRF7322D1 Datasheet
174Kb / 8P
   MOSFET Schottky Diode ( VDSS = -20V , RDS(on) = 0.058W , Schottky Vf = 0.39V )
IRF7555 IRF-IRF7555 Datasheet
71Kb / 7P
   Power MOSFET(Vdss=-20V, Rds(on)=0.055ohm)
IRF5803D2 IRF-IRF5803D2 Datasheet
127Kb / 11P
   FETKY??MOSFET & Schottky Diode(Vdss=-40V, Rds(on)=112ohm)
IRF7353D2PBF IRF-IRF7353D2PBF Datasheet
122Kb / 8P
   MOSFET / Schottky Diode (VDSS = 30V , RDS(on) = 0.029廓 , Schottky VF = 0.52V)
IRL3103D1S IRF-IRL3103D1S Datasheet
126Kb / 7P
   FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=64A)
IRL3103D2 IRF-IRL3103D2 Datasheet
116Kb / 6P
   FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=54A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com