Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7807D1 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7807D1
Description  MOSFET / SCHOTTKY DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7807D1 Datasheet(HTML) 2 Page - International Rectifier

  IRF7807D1 Datasheet HTML 1Page - International Rectifier IRF7807D1 Datasheet HTML 2Page - International Rectifier IRF7807D1 Datasheet HTML 3Page - International Rectifier IRF7807D1 Datasheet HTML 4Page - International Rectifier IRF7807D1 Datasheet HTML 5Page - International Rectifier IRF7807D1 Datasheet HTML 6Page - International Rectifier IRF7807D1 Datasheet HTML 7Page - International Rectifier IRF7807D1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7807D1
2
www.irf.com
Electrical Characteristics
Schottky Diode & Body Diode Ratings and Characteristics

Repetitive rating; pulse width limited by max. junction temperature.
‚
Pulse width
≤ 300 µs; duty cycle ≤ 2%.
ƒ
When mounted on 1 inch square copper board, t < 10 sec.
„
50% Duty Cycle, Rectangular
*
Devices are 100% tested to these parameters.
Parameter
Min
Typ
Max
Units
Conditions
Diode Forward Voltage
V
SD
0.5
V
T
j = 25°C, Is = 1A, VGS =0V‚
0.39
T
j = 125°C, Is = 1A, VGS =0V‚
Reverse Recovery Time
trr
51
ns
T
j = 25°C, Is = 7.0A, VDS = 16V
Reverse Recovery Charge
Qrr
48
nC
di/dt = 100A/µs
Forward Turn-On Time
t
on
Intrinsic turn-on time is negligible (turn-on is dominated by L
S+LD)
Parameter
Min
Typ
Max
Units
Conditions
Drain-to-Source
V
(BR)DSS
30
V
V
GS = 0V, ID = 250µA
Breakdown Voltage*
Static Drain-Source
R
DS(on)
17
25
m
V
GS = 4.5V, ID = 7A
‚
on Resistance*
Gate Threshold Voltage* V
GS(th)
1.0
V
V
DS = VGS,ID = 250µA
Drain-Source Leakage
I
DSS
90
µAV
DS = 24V, VGS = 0V
Current*
7.2
mA
V
DS = 24V, VGS = 0V,
T
j = 125°C
Gate-Source Leakage
I
GSS
+/- 100
nA
V
GS = +/-12V
Current*
Total Gate Charge
Q
gsync
10.5
14
V
DS<100mV,
Synch FET*
V
GS = 5V, ID = 7A
Total Gate Charge
Q
gcont
12
17
V
DS= 16V,
Control FET*
V
GS = 5V, ID = 7A
Pre-Vth
Q
gs1
2.1
V
DS = 16V, ID = 7A
Gate-Source Charge
Post-Vth
Q
gs2
0.76
nC
Gate-Source Charge
Gate to Drain Charge
Q
gd
2.9
Switch Charge*
Q
SW
3.66
5.2
(Q
gs2 + Qgd)
Output Charge*
Q
oss
15.3
18.4
V
DS = 16V, VGS = 0
Gate Resistance
R
g
1.2


Similar Part No. - IRF7807D1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7807D1PBF IRF-IRF7807D1PBF Datasheet
168Kb / 8P
   FETKY MOSFET / SCHOTTKY DIODE
IRF7807D1PBF IRF-IRF7807D1PBF Datasheet
173Kb / 8P
   Low Conduction Losses
IRF7807D1PBF IRF-IRF7807D1PBF_15 Datasheet
173Kb / 8P
   Low Conduction Losses
More results

Similar Description - IRF7807D1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7421D1 IRF-IRF7421D1_98 Datasheet
178Kb / 8P
   MOSFET / Schottky Diode
IRF7807D2 IRF-IRF7807D2 Datasheet
134Kb / 8P
   MOSFET / SCHOTTKY DIODE
IRF7421D1 IRF-IRF7421D1 Datasheet
119Kb / 8P
   MOSFET & Schottky Diode
IRF7534D1PBF IRF-IRF7534D1PBF Datasheet
385Kb / 8P
   MOSFET SCHOTTKY DIODE
IRF7807VD2PBF IRF-IRF7807VD2PBF Datasheet
138Kb / 9P
   FETKY MOSFET / SCHOTTKY DIODE
IRF7807VD2 IRF-IRF7807VD2 Datasheet
115Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D1 IRF-IRF7353D1 Datasheet
170Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7324D1TR IRF-IRF7324D1TR Datasheet
164Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D2PBF IRF-IRF7807D2PBF Datasheet
107Kb / 8P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
   FETKY MOSFET & Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com