Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7807V Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7807V
Description  N Channel Application Specific MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7807V Datasheet(HTML) 1 Page - International Rectifier

  IRF7807V Datasheet HTML 1Page - International Rectifier IRF7807V Datasheet HTML 2Page - International Rectifier IRF7807V Datasheet HTML 3Page - International Rectifier IRF7807V Datasheet HTML 4Page - International Rectifier IRF7807V Datasheet HTML 5Page - International Rectifier IRF7807V Datasheet HTML 6Page - International Rectifier IRF7807V Datasheet HTML 7Page - International Rectifier IRF7807V Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Symbol
IRF7807 V
Units
Drain-Source Voltage
V
DS
30
V
Gate-Source Voltage
V
GS
±20
Continuous Drain or Source
T
A = 25°C
I
D
8.3
Current (V
GS ≥ 4.5V)
T
A = 70°C
6.6
A
Pulsed Drain Current

I
DM
66
Power Dissipation
ƒ
T
A = 25°C
P
D
2.5
W
T
A = 70°C
1.6
Junction & Storage Temperature Range
T
J, TSTG
–55 to 150
°C
Continuous Source Current (Body Diode)
I
S
2.5
A
Pulsed Source Current

I
SM
66
Absolute Maximum Ratings
Parameter
Max.
Units
Maximum Junction-to-Ambient
ƒ
R
θJA
50
°C/W
Maximum Junction-to-Lead
R
θJL
20
°C/W
Thermal Resistance
PD-94108
IRF7807V
3/1/01
IRF7807V
R
DS(on)
17m
Q
G
9.5nC
Q
sw
3.4nC
Q
oss
12nC
DEVICE CHARACTERISTICS
…
• N Channel Application Specific MOSFET
• Ideal for Mobile DC-DC Converters
• Low Conduction Losses
• Low Switching Losses
Description
This new device employs advanced HEXFET Power
MOSFET technology to achieve an unprecedented
balance of on-resistance and gate charge. The
reduction of conduction and switching losses makes
it ideal for high efficiency DC-DC Converters that
power the latest generation of mobile microprocessors.
A pair of IRF7807V devices provides the best cost/
performance solution for system voltages, such as
3.3V and 5V.
To p V ie w
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
SO-8


Similar Part No. - IRF7807V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7807V IRF-IRF7807V Datasheet
112Kb / 8P
   N Channel Application Specific MOSFET
IRF7807VD1 IRF-IRF7807VD1 Datasheet
117Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7807VD1 IRF-IRF7807VD1 Datasheet
1Mb / 9P
   HEXFET Power MOSFET
IRF7807VD1 IRF-IRF7807VD1 Datasheet
135Kb / 9P
   Co-Pack N-channel HEXFET Power MOSFET and Schottky Diode
IRF7807VD1PBF IRF-IRF7807VD1PBF Datasheet
1Mb / 9P
   HEXFET Power MOSFET
More results

Similar Description - IRF7807V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7807VPBF IRF-IRF7807VPBF_15 Datasheet
197Kb / 8P
   N Channel Application Specific MOSFET
IRLR8503TRR IRF-IRLR8503TRR Datasheet
247Kb / 9P
   N-Channel Application-Specific MOSFET
IRF7807VTRPBF IRF-IRF7807VTRPBF Datasheet
197Kb / 8P
   N Channel Application Specific MOSFET
IRF7807VTR IRF-IRF7807VTR Datasheet
112Kb / 8P
   N Channel Application Specific MOSFET
IRF7811AVTRPBF IRF-IRF7811AVTRPBF Datasheet
116Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7811AVPBF IRF-IRF7811AVPBF_15 Datasheet
116Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7805PBF IRF-IRF7805PBF_15 Datasheet
230Kb / 5P
   N Channel Application Specific MOSFETs
IRLR8103V IRF-IRLR8103V Datasheet
151Kb / 8P
   N-Channel Application-Specific MOSFETs
IRF7811WGPBF IRF-IRF7811WGPBF Datasheet
190Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7822TRPBF IRF-IRF7822TRPBF Datasheet
148Kb / 6P
   N-Channel Application-Specific MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com