Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS461F Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS461F
Description  0.7AMP Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS461F Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS461F_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS461F_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
SCS461F
0.7AMP Surface Mount Schottky Barrier Rectifiers
http://www.SeCoSGmbH.com
Elektronische Bauelemente
RATING AND CHARACTERISTIC CURVES (SCS461F)
VOLTAGE 20V
!
!
!
!Electrical characteristic curves
(Ta=25
°C)
Fig.1 Forward characteristics
0
0.2
0.3
0.4
0.5
0.6
0.1
0.1m
1m
100m
10m
10
1
FORWARD
VOLTAGE : VF
(V)
C
˚
Fig.2 Reverse characteristics
0
2030405060
70
10
0.1
µ
10
1
100
µ
10
µ
1
µ
1000
100
REVERSE VOLTAGE : VR
(V)
Ta=125˚C
75˚C
25˚C
−25˚C
Fig.3 Capacitance between
terminals characteristics
010
15
20
25
30
35
40
5
1
10
1000
100
10000
REVERSE
VOLTAGE : VR
(V)
f=1MHz
0
0
0.2
0.4
0.6
0.8
1.0
1.2
0.2
0.1
0.3
0.4
0.5
0.6
AVERAGE RECTIFIED FORWARD CURRENT : IO
(A)
D=0.05
D=0.1
D=0.2
D=0.3
D=0.5
D=0.8
DC
sine
Tp
T
D=Tp/T
Tj=Tj Max.
IF
IO
Fig.4 Forward power dissipation
characteristics
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
AMBIENT TEMPERATURE : Ta (˚C)
D=0.3
D=0.2
D=0.1
D=0.05
DC
D=0.5
D=0.8
sine
Tp
T
D
=Tp/T
VR
=VRM / 2
IF
IO
Fig.5 Derating curve
(when mounted on a glass
epoxy PCBs board)
01-Jun-2002 Rev. A
Page 2 of 2


Similar Part No. - SCS461F_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS461F SECOS-SCS461F Datasheet
190Kb / 2P
   0.7AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCS461F_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS461F SECOS-SCS461F Datasheet
190Kb / 2P
   0.7AMP Surface Mount Schottky Barrier Rectifiers
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com