Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL10724EJ01V0DS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PL10724EJ01V0DS
Description  ? 30 關m InGaAs AVALANCHE PHOTO DIODE 14-PIN DIP MODULE WITH TEC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PL10724EJ01V0DS Datasheet(HTML) 3 Page - Renesas Technology Corp

  PL10724EJ01V0DS Datasheet HTML 1Page - Renesas Technology Corp PL10724EJ01V0DS Datasheet HTML 2Page - Renesas Technology Corp PL10724EJ01V0DS Datasheet HTML 3Page - Renesas Technology Corp PL10724EJ01V0DS Datasheet HTML 4Page - Renesas Technology Corp PL10724EJ01V0DS Datasheet HTML 5Page - Renesas Technology Corp PL10724EJ01V0DS Datasheet HTML 6Page - Renesas Technology Corp PL10724EJ01V0DS Datasheet HTML 7Page - Renesas Technology Corp PL10724EJ01V0DS Datasheet HTML 8Page - Renesas Technology Corp PL10724EJ01V0DS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
φ 30 μm InGaAs AVALANCHE PHOTO DIODE
14-PIN DIP MODULE WITH TEC
PHOTO DIODE
NR8360JP-BC
2001, 2008
Document No. PL10724EJ01V0DS (1st edition)
(Previous No. P15453EJ1V0DS00)
Date Published August 2008 NS
Printed in Japan
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The NR8360JP-BC is an InGaAs avalanche photodiode module with single mode fiber. A thermoelectric cooler is
integrated enabling the temperature control of the APD chip. It is designed for long-reach optical communications and
optical test instruments, especially OTDR.
FEATURES
• High quantum efficiency
η = 85% @ λ = 1 310 nm
η = 80% @ λ = 1 550 nm
• Small dark current
ID = 2 nA
• High-speed response
fC = 1.2 GHz @ M = 20
• Internal thermoelectric cooler
• Hermetically sealed 14-pin Dual In-line Package
PACKAGE DIMENSIONS (UNIT: mm)
#8
#7
#1
#14
APD
+
BOTTOM VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Pin No.
Pin No.
PIN CONNECTIONS
Function
Function
NC
NC
NC
APD Cathode
Case Ground
Thermistor
Cooler Anode
Cooler Cathode
Thermistor
Case Ground
APD Anode
NC
NC
NC
Optical Fiber (SMF)
Length: 1 m MIN.
1.0
20.8
20.8
4.0
4 – 3.2
5.1
2.54
0.45
3.0
Heat dissipation Flange
Caution In a typical application, the flange shall be mounted to a thermally conductive heat-sink properly.
Improper thermal handling can cause permanent damage which is beyond reliability warranty.
<R>


Similar Part No. - PL10724EJ01V0DS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PL10702EJ03V0DS RENESAS-PL10702EJ03V0DS Datasheet
206Kb / 10P
   ? 80 關m InGaAs AVALANCHE PHOTO DIODE MODULE FOR OTDR APPLICATIONS
PL10757EJ01V0DS RENESAS-PL10757EJ01V0DS Datasheet
216Kb / 10P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
PL10789EJ01V0DS RENESAS-PL10789EJ01V0DS Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
PL10790EJ01V0DS RENESAS-PL10790EJ01V0DS Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results

Similar Description - PL10724EJ01V0DS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NR8360JP-BC RENESAS-NR8360JP-BC_15 Datasheet
201Kb / 9P
   ? 30 關m InGaAs AVALANCHE PHOTO DIODE 14-PIN DIP MODULE WITH TEC
NR8800FS-CB RENESAS-NR8800FS-CB_15 Datasheet
206Kb / 10P
   ? 80 關m InGaAs AVALANCHE PHOTO DIODE MODULE FOR OTDR APPLICATIONS
NR8800FS-CB RENESAS-NR8800FS-CB Datasheet
206Kb / 10P
   ? 80 關m InGaAs AVALANCHE PHOTO DIODE MODULE FOR OTDR APPLICATIONS
PL10702EJ03V0DS RENESAS-PL10702EJ03V0DS Datasheet
206Kb / 10P
   ? 80 關m InGaAs AVALANCHE PHOTO DIODE MODULE FOR OTDR APPLICATIONS
logo
California Eastern Labs
NR6300EZ CEL-NR6300EZ Datasheet
246Kb / 7P
   ??30 ?춎 InGaAs AVALANCHE PHOTO DIODE FOR OTDR APPLICATIONS
logo
Microsemi Corporation
MXP4005 MICROSEMI-MXP4005 Datasheet
121Kb / 2P
   InGaAs/InP PIN Photo Diode
logo
Mitsubishi Electric Sem...
PD8XX2 MITSUBISHI-PD8XX2 Datasheet
167Kb / 3P
   InGaAs AVALANCHE PHOTO DIODES
PD8XX3 MITSUBISHI-PD8XX3 Datasheet
128Kb / 3P
   InGaAs AVALANCHE PHOTO DIODES
PD8XX2 MITSUBISHI-PD8XX2_02 Datasheet
71Kb / 3P
   InGaAs AVALANCHE PHOTO DIODES
PD839C4 MITSUBISHI-PD839C4 Datasheet
48Kb / 2P
   InGaAs AVALANCHE PHOTO DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com